전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM0843 데이터시트(PDF) 27 Page - STMicroelectronics

부품명 UM0843
상세설명  EVALSPEAr310 - evaluation board for the SPEAr310
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0843 데이터시트(HTML) 27 Page - STMicroelectronics

Back Button UM0843 Datasheet HTML 23Page - STMicroelectronics UM0843 Datasheet HTML 24Page - STMicroelectronics UM0843 Datasheet HTML 25Page - STMicroelectronics UM0843 Datasheet HTML 26Page - STMicroelectronics UM0843 Datasheet HTML 27Page - STMicroelectronics UM0843 Datasheet HTML 28Page - STMicroelectronics UM0843 Datasheet HTML 29Page - STMicroelectronics UM0843 Datasheet HTML 30Page - STMicroelectronics UM0843 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
UM0843
Connectors
Doc ID16543 Rev 2
27/48
U25 is for MII Ethernet.
Figure 8.
Ethernet RJ45 connectors J15, J18, J19, J21, U25 - front view
7.6
General purpose ADC connector J27
Figure 9.
General purpose ADC connector J27
Table 25.
RJ45 connectors J15, J18, J19, J21, U25
Pin number
Description
Pin number
Description
1
TxData+
2
TxData-
3
RxData+
4
NC
5
NC
6
RxData-
7NC
8
NC
Table 26.
General purpose ADC connector J27
Pin
Signal
Pin
Signal
Pin
Signal
Pin
Signal
1
ADC
VREF
POSITIVE
6
GND
11
AIN4
16
GND
2
+2V5
7
AIN2
12
GND
17
AIN7
3
AIN0
8
GND
13
AIN5
18
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48