전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM0844 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 UM0844
상세설명  This manual provides application developers with a first introduction
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0844 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button UM0844 Datasheet HTML 3Page - STMicroelectronics UM0844 Datasheet HTML 4Page - STMicroelectronics UM0844 Datasheet HTML 5Page - STMicroelectronics UM0844 Datasheet HTML 6Page - STMicroelectronics UM0844 Datasheet HTML 7Page - STMicroelectronics UM0844 Datasheet HTML 8Page - STMicroelectronics UM0844 Datasheet HTML 9Page - STMicroelectronics UM0844 Datasheet HTML 10Page - STMicroelectronics UM0844 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
UM0844
About this manual
Doc ID 16544 Rev 3
7/43
1.1
Glossary
Table 1.
List of abbreviations
Term
Definition
API
Application programming interface
ARM
Advanced RISC machine
BSP
Board support package
DDR
Double data rate (RAM)
DHCP
Dynamic host configuration protocol
FAT
File allocation table
FTP
File transfer protocol
GCC
GNU compiler collection
GPL
General public license (GNU)
IDE
Integrated development environment
IP
Internet protocol
LAN
Local area network
LGPL
Lesser GPL
LSP
Linux support package
MAC
Media access control
MTD
Memory technology device
NFS
Network file system
OS
Operating system
RAM
Random access memory
RPM
RPM package manager
RTC
Real time clock
SDK
Software development kit
SRAM
Static RAM
TFTP
Trivial file transfer protocol
UART
Universal asynchronous receiver transmitter
USB
Universal serial bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43