전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM0851 데이터시트(PDF) 47 Page - STMicroelectronics

부품명 UM0851
상세설명  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 데이터시트(HTML) 47 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 43Page - STMicroelectronics UM0851 Datasheet HTML 44Page - STMicroelectronics UM0851 Datasheet HTML 45Page - STMicroelectronics UM0851 Datasheet HTML 46Page - STMicroelectronics UM0851 Datasheet HTML 47Page - STMicroelectronics UM0851 Datasheet HTML 48Page - STMicroelectronics UM0851 Datasheet HTML 49Page - STMicroelectronics UM0851 Datasheet HTML 50Page - STMicroelectronics UM0851 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 245 page
background image
UM0851
Communication device drivers
Doc ID 16604 Rev 2
47/245
int (*suspend) (struct mii_phy * phy, int wol_options);
int (*setup_aneg) (struct mii_phy * phy, u32 advertise);
int (*setup_forced) (struct mii_phy * phy, int speed, int fd);
int (*poll_link) (struct mii_phy * phy);
int (*read_link) (struct mii_phy * phy);
};
struct mii_phy {
struct mii_phy_def *def;
u32 advertising;
/* Ethtool ADVERTISED_* defines */
u32 features;
/* Copied from mii_phy_def. features or determined
automatically */
u8 address;
/* PHY address */
int mode;
/* PHY mode */
/* 1: autoneg enabled, 0: disabled */
int autoneg;
/* forced speed & duplex (no autoneg) partner speed &
duplex & pause (autoneg)*/
int speed;
int duplex;
int pause;
int asym_pause;
/* Provided by host chip */
struct net_device *dev;
struct device *pdev;
int (*mdio_read) (struct net_device *dev, int addr, int reg);
void (*mdio_write) (struct net_device *dev, int addr, int reg, int val);
};
In case you are not able to use the generic/existing phy interfaces, and want to add support
for a new phy interface(xxx_phy_def), you can add this in the phy table.
The current table provides support for National/ST and a Generic PHY interface.
static struct mii_phy_def *mii_phy_table[] = {
&st_phy_def,
&national_phy_def,
&genmii_phy_def,
&xxx_phy_def,
NULL
};
/* Similarly Define the details of the member function for example: */
static struct mii_phy_def xxx_phy_def = {
.phy_id
= 0x00000000,
.phy_id_mask
= 0x00000000,
.name
= "XXX MII",
.ops
= &xxx_phy_ops
};
/* Make sure to provide in the proper PHY ID and the Mask as defined in the
PHY
configuration registers of the Phy to properly identify the Phy.*/
/* Define the Operations to be performed on PHY xxx */
static struct mii_phy_ops xxx_phy_ops = {
.setup_aneg
= xxx_mii_setup_aneg,
.setup_forced
= xxx_mii_setup_forced,
.poll_link
= xxx_mii_poll_link,
.read_link
= xxx_mii_read_link
};



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More