전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4128 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 AN4128
상세설명  This document describes the STEVAL-SPBT4ATV3 demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4128 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button AN4128 Datasheet HTML 5Page - STMicroelectronics AN4128 Datasheet HTML 6Page - STMicroelectronics AN4128 Datasheet HTML 7Page - STMicroelectronics AN4128 Datasheet HTML 8Page - STMicroelectronics AN4128 Datasheet HTML 9Page - STMicroelectronics AN4128 Datasheet HTML 10Page - STMicroelectronics AN4128 Datasheet HTML 11Page - STMicroelectronics AN4128 Datasheet HTML 12Page - STMicroelectronics AN4128 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AN4128
Getting started
Doc ID 023306 Rev 1
9/28
6
Getting started
6.1
Dongle installation
The Bluetooth SPBT2632C1A.AT2 module and the related dongle do not need any
Bluetooth driver on the host processor. However, before using a new USB device the user
must install it on their PC.
If the USB driver is not present on the PC, it is necessary to apply a simple installation
procedure as follows:
●
Step 1:
Simply plug the STEVAL-SPBT4ATV3 into any available USB port. The computer
responds with the following two messages:
Figure 8.
USB drive installation first and second step
●
Step 2:
Next, a “Found New Hardware Wizard” installation window opens. Select ‘Yes, this time
only’ to locate the drivers from the Microsoft® website.
Figure 9.
Wizard installation first step
Click ‘Next’ to install automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28