전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4128 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 AN4128
상세설명  This document describes the STEVAL-SPBT4ATV3 demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4128 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button AN4128 Datasheet HTML 12Page - STMicroelectronics AN4128 Datasheet HTML 13Page - STMicroelectronics AN4128 Datasheet HTML 14Page - STMicroelectronics AN4128 Datasheet HTML 15Page - STMicroelectronics AN4128 Datasheet HTML 16Page - STMicroelectronics AN4128 Datasheet HTML 17Page - STMicroelectronics AN4128 Datasheet HTML 18Page - STMicroelectronics AN4128 Datasheet HTML 19Page - STMicroelectronics AN4128 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Getting started
AN4128
16/28
Doc ID 023306 Rev 1
Figure 21.
Discovery dongle1
Note:
In the case of 1 device found.
●
Service:
To verify, at the same time, which kind of service is available, use the command:
AT+AB discovery [CoD] [profile]
Response is:
AT-AB device [BD addr] [name]
As a consequence of a discovery command for SPP service issued by dongle1, the
following appears on the screen:
Figure 22.
Service dongle1
Note:
In the case of 1 device found.
●
Bonding:
Bonding is used when an application needs to pair with another remote device. Devices
must be enabled to bond, with this aim, the EnableBond command is used. The BD
address, PIN and timeout parameters are optional.
–
AT+AB EnableBond
If the operation is successful, the response is:
–
AT-AB BondEnabled
To bond devices the “bond command” is used where the device address and the
identification number (PIN) is specified.
The command is:
–
AT+AB bond [BD addr] [Pin]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28