전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC2856-2 데이터시트(PDF) 7 Page - Linear Technology

부품명 LTC2856-2
상세설명  20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC2856-2 데이터시트(HTML) 7 Page - Linear Technology

Back Button LTC2856-2_15 Datasheet HTML 3Page - Linear Technology LTC2856-2_15 Datasheet HTML 4Page - Linear Technology LTC2856-2_15 Datasheet HTML 5Page - Linear Technology LTC2856-2_15 Datasheet HTML 6Page - Linear Technology LTC2856-2_15 Datasheet HTML 7Page - Linear Technology LTC2856-2_15 Datasheet HTML 8Page - Linear Technology LTC2856-2_15 Datasheet HTML 9Page - Linear Technology LTC2856-2_15 Datasheet HTML 10Page - Linear Technology LTC2856-2_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC2856-1/LTC2856-2
LTC2857-1/LTC2857-2
LTC2858-1/LTC2858-2
7
285678ff
For more information www.linear.com/LTC2856-1
TesT circuiTs
DRIVER
DI
RDIFF
CL
CL
285678 F04a
Y
Z
tPLHD,
tPLHDS
1/2 VO
90%
90%
0
0
tRD,
tRDS
tFD,
tFDS
10%
285678 F04b
10%
VO
VCC
Y, Z
DI
Y-Z
0V
tSKEWD,tSKEWDS
tPHLD,
tPHLDS
Figure 4. Driver Timing Measurement
Figure 5. Driver Enable and Disable Timing Measurement
DRIVER
DI
VCC
OR
GND
GND
OR
VCC
VCC
OR
GND
RL
RL
CL
285678 F05a
Y
Z
DE
CL
tZLD,
tZLDS,
tZLSD,
tZLSDS
tZHD,
tZHDS,
tZHSD,
tZHSDS
tHZD,
tHZDS,
tSHDN,
tSHDNS
tLZD,
tLZDS
1/2 VCC
1/2 VCC
1/2 VCC
DE
Y OR Z
Z OR Y
VCC
VCC
VOL
VO
VOH
0V
0V
0.5V
0.5V
285678 F05b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com