전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC2856-2 데이터시트(PDF) 5 Page - Linear Technology

부품명 LTC2856-2
상세설명  20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC2856-2 데이터시트(HTML) 5 Page - Linear Technology

  LTC2856-2_15 Datasheet HTML 1Page - Linear Technology LTC2856-2_15 Datasheet HTML 2Page - Linear Technology LTC2856-2_15 Datasheet HTML 3Page - Linear Technology LTC2856-2_15 Datasheet HTML 4Page - Linear Technology LTC2856-2_15 Datasheet HTML 5Page - Linear Technology LTC2856-2_15 Datasheet HTML 6Page - Linear Technology LTC2856-2_15 Datasheet HTML 7Page - Linear Technology LTC2856-2_15 Datasheet HTML 8Page - Linear Technology LTC2856-2_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC2856-1/LTC2856-2
LTC2857-1/LTC2857-2
LTC2858-1/LTC2858-2
5
285678ff
For more information www.linear.com/LTC2856-1
swiTching characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICCT
Supply Current in Transmit Mode
No Load, DE = VCC,
RE = VCC
LTC2856-1
LTC2858-1
l
630
1000
µA
LTC2856-2
LTC2858-2
l
670
1100
µA
ICCTR
Supply Current with Both Driver and Receiver
Enabled
No Load, DE = VCC,
RE = 0V
LTC2856-1
LTC2857-1
LTC2858-1
l
660
1100
µA
LTC2856-2
LTC2857-2
LTC2858-2
l
700
1200
µA
Driver in LTC2856-1, LTC2857-1, LTC2858-1
fMAX
Maximum Data Rate
(Note 3)
l
20
Mbps
tPLHD, tPHLD
Driver Input to Output
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
10
50
ns
ΔtPD
Driver Input to Output Difference |tPLHD – tPHLD| RDIFF = 54Ω, CL = 100pF (Figure 4)
l
1
6
ns
tSKEWD
Driver Output Y to Output Z
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
1
±6
ns
tRD, tFD
Driver Rise or Fall Time
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
4
12.5
ns
tZLD, tZHD,
tLZD, tHZD
Driver Enable or Disable Time
RL = 500Ω, CL = 50pF, RE = 0V,
LTC2856-1, LTC2858-1 (Figure 5)
l
70
ns
tZHSD, tZLSD
Driver Enable from Shutdown
RL = 500Ω, CL = 50pF, RE = VCC,
LTC2856-1, LTC2858-1 (Figure 5)
l
8
µs
tSHDN
Time to Shutdown
(DE =
↓, RE = VCC) or (DE = 0V, RE = ↑),
LTC2856-1, LTC2858-1 (Figure 5)
l
100
ns
Driver in LTC2856-2, LTC2857-2, LTC2858-2
fMAXS
Maximum Data Rate
(Note 3)
l
250
kbps
tPLHDS, tPHLDS Driver Input to Output
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
0.95
1.5
µs
ΔtPDS
Driver Input to Output Difference |tPLHD – tPHLD| RDIFF = 54Ω, CL = 100pF (Figure 4)
l
50
500
ns
tSKEWDS
Driver Output A to Output B
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
200
±500
ns
tRDS, tFDS
Driver Rise or Fall Time
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
0.90
1.5
µs
tZHDS, tZLDS
Driver Enable Time
RL = 500Ω, CL = 50pF, RE = 0V,
LTC2856-2, LTC2858-2 (Figure 5)
l
300
ns
tLZDS, tHZDS
Driver Disable Time
RL = 500Ω, CL = 50pF, RE = 0V,
LTC2856-2, LTC2858-2 (Figure 5)
l
70
ns
tZHSDS, tZLSDS Driver Enable from Shutdown
RL = 500Ω, CL 50pF, RE = VCC,
LTC2856-2, LTC2858-2 (Figure 5)
l
8
µs
tSHDNS
Time to Shutdown
(DE = 0V, RE
↑) or (DE = ↓, RE = VCC),
LTC2856-2, LTC2858-2 (Figure 5)
l
500
ns
Receiver
tPLHR, tPHLR
Receiver Input to Output
CL = 15pF, VCM = 1.5V, |VAB| = 1.5V,
tR and tF < 4ns (Figure 6)
l
50
70
ns
tSKEWR
Differential Receiver Skew, |tPLHR – tPHLR|
CL = 15pF (Figure 6)
l
1
6
ns
tRR, tFR
Receiver Output Rise or Fall Time
CL = 15pF (Figure 6)
l
3
12.5
ns
tZLR, tZHR,
tLZR, tHZR
Receiver Enable/Disable
RL = 1k, CL = 15pF, DE = VCC,
LTC2856-1, LTC2856-2, LTC2858-1,
LTC2858-2 (Figure 7)
l
50
ns
tZHSR, tZLSR
Receiver Enable from Shutdown
RL = 1k, CL = 15pF, DE = 0V,
LTC2856-1, LTC2856-2, LTC2858-1,
LTC2858-2 (Figure 7)
l
8
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com