전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4326 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 AN4326
상세설명  Increasing the M24LRXXE-R family ESD robustness on antenna using an external ESD protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4326 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button AN4326 Datasheet HTML 8Page - STMicroelectronics AN4326 Datasheet HTML 9Page - STMicroelectronics AN4326 Datasheet HTML 10Page - STMicroelectronics AN4326 Datasheet HTML 11Page - STMicroelectronics AN4326 Datasheet HTML 12Page - STMicroelectronics AN4326 Datasheet HTML 13Page - STMicroelectronics AN4326 Datasheet HTML 14Page - STMicroelectronics AN4326 Datasheet HTML 15Page - STMicroelectronics AN4326 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ESD test results with DSILC6-4P6 ESD protection and M24LR16E-R
AN4326
12/17
DocID024976 Rev 1
5
ESD test results with DSILC6-4P6 ESD protection and
M24LR16E-R
ESD tests have been performed on the Printed circuit board (PCB), with two setups:
•
+/-8 kV contact discharge, according to IEC 61000-4-2 standard
•
+/-15 kV air discharge, according to IEC 61000-4-2 standard.
IEC 61000-4-2 standard defines the test setup for an equipment not connected to the earth
(see Figure 10).
Figure 10. IEC 61000-4-2 test setup
Figure 11. ESD measurement bench
For contact and air discharges, 10 shoots for each polarity per area zap have been
performed, with a frequency = 1 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17