전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4326 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 AN4326
상세설명  Increasing the M24LRXXE-R family ESD robustness on antenna using an external ESD protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4326 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button AN4326 Datasheet HTML 9Page - STMicroelectronics AN4326 Datasheet HTML 10Page - STMicroelectronics AN4326 Datasheet HTML 11Page - STMicroelectronics AN4326 Datasheet HTML 12Page - STMicroelectronics AN4326 Datasheet HTML 13Page - STMicroelectronics AN4326 Datasheet HTML 14Page - STMicroelectronics AN4326 Datasheet HTML 15Page - STMicroelectronics AN4326 Datasheet HTML 16Page - STMicroelectronics AN4326 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ESD test results with DSILC6-4P6 ESD protection and M24LR16E-R
AN4326
14/17
DocID024976 Rev 1
5.2
IEC 61000-4-2 air discharge description and results
For an air discharge, 4 zap locations, at each corner of the antenna, have been taken (see
Figure 13).
Figure 13. Zap locations for air discharge
After the shoot sequence (4x +/-10 shoots, so 80 shoots), the M24LR16ER operation is
tested with a reader to check if there is no modification before and after the ESD test.
ESD tests results show that the M24LR16E, protected with the DSILC6-4SC6, is compliant
with IEC 61000-4-2, level 4 (i.e. +/-15 kV air), and withstands ESD surges higher than 16 kV.
Table 3. ESD air discharge results
ESD voltage
+/-10 kV contact
+/-15 kV contact
+/-16 kV contact
Result
Ok
Ok
Ok
MS32253V1
Zap location
Zap location
Zap location
Zap location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17