전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4486 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 AN4486
상세설명  This application note describes the BlueNRG and BlueNRG-MS over-the-air
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4486 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button AN4486 Datasheet HTML 9Page - STMicroelectronics AN4486 Datasheet HTML 10Page - STMicroelectronics AN4486 Datasheet HTML 11Page - STMicroelectronics AN4486 Datasheet HTML 12Page - STMicroelectronics AN4486 Datasheet HTML 13Page - STMicroelectronics AN4486 Datasheet HTML 14Page - STMicroelectronics AN4486 Datasheet HTML 15Page - STMicroelectronics AN4486 Datasheet HTML 16Page - STMicroelectronics AN4486 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AN4486
OTA bootloader service description
DocID026293 Rev 2
13/29
Note: In order to easily identify the BlueNRG demo applications using the OTA Service
Manager, the platform LEDs are utilized based on the scheme in Table 5: "LEDs for
BlueNRG demo applications using BLE OTA Service Manager".
Table 5: LEDs for BlueNRG demo applications using BLE OTA Service Manager
BlueNRG, BlueNRG-MS development
platforms
BlueNRG, BlueNRG-MS USB dongles
DL2 (orange) is always blinking(1)
D3 (orange) is always blinking (1)
DL1 (yellow) is ON during OTA upgrade
D2 (red) is ON during OTA upgrade
Notes:
(1)When device is connected, the LED blinks faster.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29