전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4486 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 AN4486
상세설명  This application note describes the BlueNRG and BlueNRG-MS over-the-air
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4486 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button AN4486 Datasheet HTML 10Page - STMicroelectronics AN4486 Datasheet HTML 11Page - STMicroelectronics AN4486 Datasheet HTML 12Page - STMicroelectronics AN4486 Datasheet HTML 13Page - STMicroelectronics AN4486 Datasheet HTML 14Page - STMicroelectronics AN4486 Datasheet HTML 15Page - STMicroelectronics AN4486 Datasheet HTML 16Page - STMicroelectronics AN4486 Datasheet HTML 17Page - STMicroelectronics AN4486 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Hardware and software resources
AN4486
14/29
DocID026293 Rev 2
3
Hardware and software resources
Before we explain how to set up for the OTA bootloader demos, we will first provide the list
of required hardware and software resources:
Table 6: BlueNRG OTA bootloader HW & SW resources
Status
Description
MANDATORY
2 BlueNRG or BlueNRG-MS kits platforms and related USB cables (only
needed for development platforms).
Reset manager image & prebuilt application images including OTA
bootloader service
BlueNRG graphical user interface v1.4.0 or later
PC with the following resources:
Windows® XP SP3 or Windows® Vista or Windows® 7
At least 128 MB of RAM
2 x USB port
40 MB of hard disk space available
Adobe Reader 6.0 or later.
OPTIONAL
BUT
RECOMMENDED
IAR embedded workbench 6.60. This allows access to the code to learn
from the sample application provided
STLink Flash programmer
STLink utility: allows to perform Flash management operations useful for
testing and verification of bootloading sessions with the STLink Flash
programmer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29