전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4491 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 AN4491
상세설명  BlueNRG updater
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4491 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button AN4491 Datasheet HTML 7Page - STMicroelectronics AN4491 Datasheet HTML 8Page - STMicroelectronics AN4491 Datasheet HTML 9Page - STMicroelectronics AN4491 Datasheet HTML 10Page - STMicroelectronics AN4491 Datasheet HTML 11Page - STMicroelectronics AN4491 Datasheet HTML 12Page - STMicroelectronics AN4491 Datasheet HTML 13Page - STMicroelectronics AN4491 Datasheet HTML 14Page - STMicroelectronics AN4491 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
DocID026337 Rev 1
11/18
AN4491
Updater commands
18
6.6
Updater_ResetBlueFlag
Description:
Reset the BLUE flag to its proper value. This command must be called when the firmware
upgrade is finished. So that after reboot, the update may jump to the firmware application.
Event(s) generated:
The controller will generate a command complete event.
6.7
Updater_EraseSector
Description:
This command erases one sector of the Flash memory. One sector is 2 KB. After erasing,
the sector will be all 0xFF.
Table 12. Updater_ResetBlueFlag
Command name
Parameter
Return
Updater_ResetBlueFlag (0xFC25)
Status
Table 13. Updater_ResetBlueFlag return parameters
Parameter
Size
Description
Status
1 byte
0x00: BLE_STATUS_SUCCESS
0x4A: Blue Flag failed to be set
The reason of failure is normally because the Flash sector is not
erased before using the ResetBlueFlag command.
Table 14. Updater_EraseSector
Command name
Parameters
Return
Updater_EraseSector (0xFC26)
Sector Base Address
Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18