전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4491 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 AN4491
상세설명  BlueNRG updater
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4491 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button AN4491 Datasheet HTML 10Page - STMicroelectronics AN4491 Datasheet HTML 11Page - STMicroelectronics AN4491 Datasheet HTML 12Page - STMicroelectronics AN4491 Datasheet HTML 13Page - STMicroelectronics AN4491 Datasheet HTML 14Page - STMicroelectronics AN4491 Datasheet HTML 15Page - STMicroelectronics AN4491 Datasheet HTML 16Page - STMicroelectronics AN4491 Datasheet HTML 17Page - STMicroelectronics AN4491 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Update algorithm
AN4491
16/18
DocID026337 Rev 1
7
Update algorithm
The updater client should adhere to the following procedure when updating the BlueNRG
firmware.
1.
Use the Updater_Start command to put the device into updater mode.
2.
Wait for the EVT_BLUE_INITIALIZED to be sure that the device has booted in the
updater mode. Check the reason code in the event. If the firmware is corrupted, for
example, the client should provide the information to the user.
3.
Read updater version (optional).
4.
Read updater buffer size. This is needed to ensure the data block to be written is not
bigger than the buffer.
5.
Clear BLUE flag.
6.
Erase 30 Flash sectors in FLASH1.
7.
Write new firmware data with Updater_WriteDataBlock command.
8.
Run Updater_CalculateCRC command, which will generate the CRC calculation based
on the 62 KB FLASH1.
9.
Report the CRC code to the user.
10. If the CRC is OK, reset the BLUE flag.
11. Run Updater_Reboot to reboot the system. It is also possible to switch off power or do
a HW reset.
Update the IFR data section is similar. Only the client needs to give the proper address for
the IFR Flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18