전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4494 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 AN4494
상세설명  Bringing up the BlueNRG and BlueNRG-MS devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4494 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button AN4494 Datasheet HTML 10Page - STMicroelectronics AN4494 Datasheet HTML 11Page - STMicroelectronics AN4494 Datasheet HTML 12Page - STMicroelectronics AN4494 Datasheet HTML 13Page - STMicroelectronics AN4494 Datasheet HTML 14Page - STMicroelectronics AN4494 Datasheet HTML 15Page - STMicroelectronics AN4494 Datasheet HTML 16Page - STMicroelectronics AN4494 Datasheet HTML 17Page - STMicroelectronics AN4494 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
SPI interface
AN4494
3.7
Note
If the application board does not have SPI test points, ST can provide the firmware to be
ported on the microcontroller used in the customer PCB so that the system can work with
the ST GUI.
3.8
Other
If the basic test above is working, we suggest using the ST BlueNRG GUI to run a few
commands (for example the HCI_READ_LOCAL_VERSION_INFORMATION, or Get
version under the tab Tools) to check that the SPI access with the ST BlueNRG GUI is ok.
14/34
DocID026361 Rev 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34