전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4494 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 AN4494
상세설명  Bringing up the BlueNRG and BlueNRG-MS devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4494 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button AN4494 Datasheet HTML 14Page - STMicroelectronics AN4494 Datasheet HTML 15Page - STMicroelectronics AN4494 Datasheet HTML 16Page - STMicroelectronics AN4494 Datasheet HTML 17Page - STMicroelectronics AN4494 Datasheet HTML 18Page - STMicroelectronics AN4494 Datasheet HTML 19Page - STMicroelectronics AN4494 Datasheet HTML 20Page - STMicroelectronics AN4494 Datasheet HTML 21Page - STMicroelectronics AN4494 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
IFR configuration
AN4494
4.6
Expected results
The measured value must be compensated in order to consider the variations of the power
supply, temperature and the crystal tolerance:
XTAL_startup = XTAL_startup(measured)*1.2*1.1*1.2 = 1.584* XTAL_startup (measured)
The first coefficient (1.2) can be omitted if the test is performed at the minimum operative
voltage.
Finally, to find the HS_STARTUP_TIME value that must be set up in the IFR, use this
formula:
HS_STARTUP_TIME = 110 µs + MAX {XTAL_startup, (0.56*XTAL_startup+304)}
4.7
Note
Examples:
XTAL_startup = 300 µs → HS_STARTUP_TIME = 680 µs
XTAL_startup = 700 µs → HS_STARTUP_TIME = 1219 µs
4.8
Other
N/A.
18/34
DocID026361 Rev 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34