전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4538 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 AN4538
상세설명  Power consumption optimization with STM32F3xx microcontrollers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4538 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button AN4538 Datasheet HTML 12Page - STMicroelectronics AN4538 Datasheet HTML 13Page - STMicroelectronics AN4538 Datasheet HTML 14Page - STMicroelectronics AN4538 Datasheet HTML 15Page - STMicroelectronics AN4538 Datasheet HTML 16Page - STMicroelectronics AN4538 Datasheet HTML 17Page - STMicroelectronics AN4538 Datasheet HTML 18Page - STMicroelectronics AN4538 Datasheet HTML 19Page - STMicroelectronics AN4538 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
STM32F3xx microcontroller low-power application example
AN4538
16/25
DocID026505 Rev 1
•
State machine
Initially, the device is in Standby mode.
First, the user pushes the user-button to wake up the device from standby. If the user does
not push the button, the device will wake up via RTC after a pre-defined period (20 s by
default). Then, the device sends data, via the virtual comport (see Sleep1 state description).
Once the transfer is completed, the CPU enters Stop mode.
The device remains in Stop mode until the user pushes a keyboard button to transfer a
number from 1 to 4. It will simultaneously wake up the device via USART, select the desired
configuration of the comparator inverting input (Vrefint or DAC1_OUT1) and the RTC
display (yes or no).
Then, the STM32F302x8 device enters Sleep mode. In this mode, timer 1 generates the
PWM signal and the comparator is active to detect in real time when the non inverting input
voltage exceeds the chosen reference voltage (inverting input). In this case, the comparator
generates an interruption that wakes up the device from Sleep mode and stops PWM
generation via the internal signal OCref_clr.
After that, Sleep mode is entered again to send, via DMA, the data about previous state and
the log time of all states (if already enabled).
When the DMA transfer is completed, the device enters Standby mode.
•
States:
–
Run1: When the device is powered on, it configures the system clock and the
RTC calendar and wakeup sources.
–
Standby: After power-on, the device enters Standby mode after the configuration
in Run1 is configured and remains in Standby mode until it is woken up (wakeup
pin or RTC).
–
Run2: After waking up from Standby mode, configures USART, DMA to be ready
for transfer and read time.
–
Sleep1: Sends a message to the user via DMA about the possible configurations
to select. Once the transfer is completed, the device wakes up from Sleep1.
–
Run3: Configures the USART wakeup source to be used in Stop mode, then
reads the time.
–
Stop: Remains in Stop mode until a USART data is received to wake up the
device.
–
Run4: Configures and starts COMP2, TIM1 and DAC1 if used, then reads the
time.
–
Sleep2: Sends a message to the user via DMA. TIM1 generates a PWM signal.
The comparator is active to compare the injected analog signal to Vrefint or
DAC1_OUT1. When a comparator interruption occurs, it wakes up the device from
Sleep mode and stops the PWM generation via OCref_clr.
–
Run5: Disables TIM1, COMP2 and DAC if used, then reads the time, prepares to
display the log time profile if it is selected.
–
Sleep3: Sends a message including the log time profile. Once the transfer is
completed, the device wakes up from Sleep3 mode.
–
Run6: Reads the time and saves it in the backup domain. Reconfigures the RTC
before entering again Standby mode to start a new round.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com