전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4538 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 AN4538
상세설명  Power consumption optimization with STM32F3xx microcontrollers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4538 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button AN4538 Datasheet HTML 13Page - STMicroelectronics AN4538 Datasheet HTML 14Page - STMicroelectronics AN4538 Datasheet HTML 15Page - STMicroelectronics AN4538 Datasheet HTML 16Page - STMicroelectronics AN4538 Datasheet HTML 17Page - STMicroelectronics AN4538 Datasheet HTML 18Page - STMicroelectronics AN4538 Datasheet HTML 19Page - STMicroelectronics AN4538 Datasheet HTML 20Page - STMicroelectronics AN4538 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
DocID026505 Rev 1
17/25
AN4538
STM32F3xx microcontroller low-power application example
24
2.2
Software description
2.2.1
Architecture description
This application uses the STM32F3xx HAL library and contains the following source files:
•
Main.c: contains the needed functions that perform the application state machine
•
STM32F3xx_it.c: contains the interrupt handlers for the application
•
STM32F3xx_hal_msp.c: contains the needed hardware configuration of the different
peripherals used by the application.
Figure 6. STM32F3xx microcontroller low-power project overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25