전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM1653 데이터시트(PDF) 25 Page - STMicroelectronics

부품명 UM1653
상세설명  STM32 Advanced NAND Flash Driver for SLC NAND
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1653 데이터시트(HTML) 25 Page - STMicroelectronics

Back Button UM1653 Datasheet HTML 21Page - STMicroelectronics UM1653 Datasheet HTML 22Page - STMicroelectronics UM1653 Datasheet HTML 23Page - STMicroelectronics UM1653 Datasheet HTML 24Page - STMicroelectronics UM1653 Datasheet HTML 25Page - STMicroelectronics UM1653 Datasheet HTML 26Page - STMicroelectronics UM1653 Datasheet HTML 27Page - STMicroelectronics UM1653 Datasheet HTML 28Page - STMicroelectronics UM1653 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
DocID025024 Rev 1
25/45
UM1653
NAND driver firmware modules
44
Table 27. SBLK_NAND_BuildLUT
Function name
SBLK_NAND_BuildLUT.
Prototype
uint16_t SBLK_NAND_BuildLUT (uint8_t ZoneNumber)
Behavior description
Builds the Look Up Table.
Input parameter
ZoneNbr: The Zone Number.
Output parameter
Status of NAND Build Look Up Table. This parameter can be:
– NAND_OK: when the NAND Build Look Up Table is successful
– NAND_FAIL: when NAND fails to Build Look Up Table.
Table 28. LBLK_NAND_BuildLUT
Function name
LBLK_NAND_BuildLUT.
Prototype
uint16_t LBLK_NAND_BuildLUT (uint8_t ZoneNbr)
Behavior description
Builds the Look Up Table.
Input parameter
ZoneNbr: The Zone Number.
Output parameter
Status of NAND Build Look Up Table. This parameter can be:
– NAND_OK: when the NAND Build Look Up Table is successful
– NAND_FAIL: when NAND fails to Build Look Up Table.
Table 29. GetParity
Function name
GetParity.
Prototype
uint8_t GetParity (uint16_t in_value)
Behavior description
Calculate parity.
Input parameter
in_value: 16-bit value.
Output parameter
Status.
Table 30. Swap
Function name
Swap.
Prototype
uint16_t Swap (uint16_t in)
Behavior description
Swaps a 16-bit.
Input parameter
in: 16-bit value.
Output parameter
swapped value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45