전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4651 데이터시트(PDF) 25 Page - STMicroelectronics

부품명 AN4651
상세설명  STM32F3 series peripheral interconnect matrix
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4651 데이터시트(HTML) 25 Page - STMicroelectronics

Back Button AN4651 Datasheet HTML 21Page - STMicroelectronics AN4651 Datasheet HTML 22Page - STMicroelectronics AN4651 Datasheet HTML 23Page - STMicroelectronics AN4651 Datasheet HTML 24Page - STMicroelectronics AN4651 Datasheet HTML 25Page - STMicroelectronics AN4651 Datasheet HTML 26Page - STMicroelectronics AN4651 Datasheet HTML 27Page - STMicroelectronics AN4651 Datasheet HTML 28Page - STMicroelectronics AN4651 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
DocID027426 Rev 1
25/34
AN4651
Interconnection descriptions
33
3.10
From TIM to COMP
For all STM32F3 series devices except STM32F37x devices, the timers output can be
selected as comparators outputs blanking signals using the “COMPx_BLANKING” bits in
“COMPx_CSR” register.
3.11
From DAC to COMP
For all STM32F3 series devices except STM32F37x devices, the comparators inverting
input may be a DAC channel output (DAC1_CH1 or DAC1_CH2). DAC2_CH1 may be
selected for COMP2, COMP4 and COMP6 in case the device belongs to STM32F303x6/8
or STM32F328x8 families.
“COMPxINMSEL” bits value in “COMPx_CSR” register are used for the selection.
Table 11 details the interconnections between DAC and COMP.
Table 10. Timer outputs used as comparators blanking sources(1)
COMP blanking source
COMP1
COMP2
COMP3
COMP4
COMP5
COMP6
COMP7
TIM1
TIM1 OC5
TIM1 OC5
TIM1 OC5
TIM1 OC5
TIM8
TIM8 OC5
TIM8 OC5
TIM8 OC5
TIM8 OC5
TIM15
TIM15 OC1
TIM15 OC2
TIM15 OC2
TIM2
TIM2 OC3
TIM2 OC3
TIM2 OC4
TIM2 OC4
TIM3
TIM3 OC3
TIM3 OC3
TIM3 OC4
TIM3 OC3
1.
The gray shading in table cells means Not Applicable.
Table 11. DAC output selection as comparator inverting input(1)
1.
The gray shading in table cells means Not Applicable.
COMP inverting inputs
COMP1(2)
2.
For STM32F37x products, COMP1 and COMP2 inverting input may be DAC1_CH1, DAC1_CH2 or
DAC2_CH1 output. The selection is made based on COMPxINSEL (x=1,2) bits value in COMP_CSR
register.
COMP2(2)
COMP3
COMP4
COMP5
COMP6
COMP7
DAC1_CH1
XXX
XXX
X
DAC1_CH2
XXX
XXX
X
DAC2_CH1
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34