전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4651 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 AN4651
상세설명  STM32F3 series peripheral interconnect matrix
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4651 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button AN4651 Datasheet HTML 25Page - STMicroelectronics AN4651 Datasheet HTML 26Page - STMicroelectronics AN4651 Datasheet HTML 27Page - STMicroelectronics AN4651 Datasheet HTML 28Page - STMicroelectronics AN4651 Datasheet HTML 29Page - STMicroelectronics AN4651 Datasheet HTML 30Page - STMicroelectronics AN4651 Datasheet HTML 31Page - STMicroelectronics AN4651 Datasheet HTML 32Page - STMicroelectronics AN4651 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
DocID027426 Rev 1
29/34
AN4651
Interconnection descriptions
33
3.19
From TIM to IRTIM
General-purpose timers (TIM16/TIM17) output channels TIMx_OC1 are used to generate
the waveform of infrared signal output.
Figure 6. IR internal hardware connections with TIM16 and TIM17
3.20
From TIM and EXTI to SDADC
General-purpose timers (TIM2, TIM3, TIM4, TIM12, TIM13, TIM14, TIM15, TIM16, TIM17,
TIM19), EXTI11 and EXTI15 can be used to generate a SDADC triggering event for injected
conversions selection.
Table 15 details the connection between timers and SDADCs.
Table 15. Internal signals from timers to SDADCs(1)
1.
The gray shading in table cells means Not Applicable.
SDADC1
SDADC2
SDADC3
TIM2
TIM2_CH3
TIM2_CH4
TIM3
TIM3_CH1
TIM3_CH2
TIM3_CH3
TIM4
TIM4_CH1
TIM4_CH2
TIM4_CH3
TIM12
TIM12_CH1
TIM12_CH2
TIM13
TIM13_CH1
TIM14
TIM14_CH1
TIM15
TIM15_CH2
TIM16
TIM16_CH1
TIM17
TIM17_CH1
TIM19
TIM19_CH2
TIM19_CH3
TIM19_CH4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34