전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSF30U60C 데이터시트(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

부품명 TSF30U60C
상세설명  Trench Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSF30U60C 데이터시트(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSF30U60C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSF30U60C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSF30U60C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSF30U60C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
25C
100C
125C
150C
Fig 3: VF for 120V
25C
100C
125C
150C
Fig 3: VF for 150V
Document Number: DS_D1411055
Version: F14
PACKING CODE
C0
PART NO.
TSF30U60C
C0
PACKING CODE
PART NO.
TSF30U60C
TSF30U60C
Taiwan Semiconductor
ORDERING INFORMATION
PACKING
G
50 / Tube
PACKING CODE
SUFFIX
PACKAGE
ITO-220AB
RATINGS AND CHARACTERISTICS CURVES
(TA=25°C unless otherwise noted)
EXAMPLE
TSF30U60C C0G
G
Green compound
DESCRIPTION
PREFERRED
PART NO.
PACKING CODE
SUFFIX
0
5
10
15
20
0
25
50
75
100
125
150
CASE TEMPERATURE (oC)
FIG.1- FORWARD CURRENT DERATING CURVE
WITH HEATSINK
3in x 5in x 0.25in
Al-Plate
TSF30U60C
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
FORWARD VOLTAGE (V)
FIG. 2- TYPICAL FORWARD CHARACTERISTICS
T
J=100°C
T
J=125°C
T
J=150°C
TSF30U60C
T
J=25°C
100
1000
10000
0
1
10
100
REVERSE VOLTAGE (V)
FIG. 4- TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p
TSF30U60C
0.0001
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 3- TYPICAL REVERSE CHARACTERISTICS
TSF30U60C
T
J=25°C
T
J=100°C
T
J=125°C
T
J=150°C



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com