전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSF30U60C 데이터시트(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

부품명 TSF30U60C
상세설명  Trench Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSF30U60C 데이터시트(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSF30U60C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSF30U60C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSF30U60C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSF30U60C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
- Patented Trench Schottky technology
- Excellent high temperature stability
- Low forward voltage
- Low power loss/ high efficiency
- High forward surge capability
Packing code with suffix "G" means green compound (halogen-free)
Terminal: Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
VRRM
V
dV/dt
V/μs
IF = 15A
TJ = 25°C
VF
IF = 15A
TJ = 125°C
VF
TJ = 25°C
μA
TJ = 125°C
mA
RθJC
°C/W
TJ
°C
TSTG
°C
Document Number: DS_D1411055
Version: F14
- 55 to +150
V
0.57
Note 1: Pulse Test with Pulse Width=300μs, 1% Duty Cycle
4
Instantaneous reverse current per diode at rated
reverse voltage
IR
Typical thermal resistance per diode
Operating junction temperature range
- 55 to +150
Storage temperature range
Voltage rate of change (Rated VR)
10000
Instantaneous forward voltage per
diode ( Note1 )
TYP.
MAX.
0.52
0.48
0.43
500
A
per diode
15
Mounting torque: 0.56 Nm max.
A
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load per diode
IFSM
250
TSF30U60C
SYMBOL
UNIT
Maximum repetitive peak reverse voltage
Maximum average forward rectified
current
per device
IF(AV)
30
60
-
-
60
PARAMETER
- Halogen-free according to IEC 61249-2-21 definition
ITO-220AB
TYPICAL APPLICATIONS
Trench Schottky barrier rectifier are designed for high frequency
miniature switched mode power supplies such as adapters,
lighting and on-board DC/DC converters.
MECHANICAL DATA
Case: ITO-220AB
TSF30U60C
Taiwan Semiconductor
Trench Schottky Rectifier
FEATURES
- Compliant to RoHS directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise noted)
Molding compound meets UL 94 V-0 flammability rating
Polarity: As marked
Weight: 1.7 g (approximately)


유사한 부품 번호 - TSF30U60C

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TSF30U100C TSC-TSF30U100C Datasheet
219Kb / 5P
Trench Schottky Rectifier
TSF30U120C TSC-TSF30U120C Datasheet
219Kb / 5P
Trench Schottky Rectifier
TSF30U45C TSC-TSF30U45C Datasheet
200Kb / 3P
Trench MOS Barrier Schottky Rectifier
TSF30U45C TSC-TSF30U45C Datasheet
220Kb / 4P
Trench Schottky Rectifier
TSF30U45C TSC-TSF30U45C_14 Datasheet
220Kb / 4P
Trench Schottky Rectifier
More results

유사한 설명 - TSF30U60C

제조업체부품명데이터시트상세설명
logo
International Rectifier
60CTTN015 IRF-60CTTN015 Datasheet
74Kb / 5P
TRENCH SCHOTTKY RECTIFIER
logo
Taiwan Semiconductor Co...
TSD30H100CW TSC-TSD30H100CW Datasheet
259Kb / 5P
Trench Schottky Rectifier
TSF10H100C TSC-TSF10H100C_14 Datasheet
247Kb / 5P
Trench Schottky Rectifier
TSF20H100C TSC-TSF20H100C_14 Datasheet
223Kb / 5P
Trench Schottky Rectifier
TSF30L100C TSC-TSF30L100C Datasheet
247Kb / 5P
Trench Schottky Rectifier
TSP15U100S TSC-TSP15U100S Datasheet
212Kb / 4P
Trench Schottky Rectifier
TSP20U60S TSC-TSP20U60S Datasheet
229Kb / 4P
Trench Schottky Rectifier
TSPB10U45S TSC-TSPB10U45S Datasheet
231Kb / 4P
Trench Schottky Rectifier
TSPB15U50S TSC-TSPB15U50S Datasheet
231Kb / 4P
Trench Schottky Rectifier
TSPB15U100S TSC-TSPB15U100S Datasheet
232Kb / 4P
Trench Schottky Rectifier
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com