전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC1709 데이터시트(PDF) 9 Page - Linear Technology

부품명 LTC1709
상세설명  2-Phase, 5-Bit Adjustable, High Efficiency, Synchronous Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC1709 데이터시트(HTML) 9 Page - Linear Technology

Back Button LTC1709 Datasheet HTML 5Page - Linear Technology LTC1709 Datasheet HTML 6Page - Linear Technology LTC1709 Datasheet HTML 7Page - Linear Technology LTC1709 Datasheet HTML 8Page - Linear Technology LTC1709 Datasheet HTML 9Page - Linear Technology LTC1709 Datasheet HTML 10Page - Linear Technology LTC1709 Datasheet HTML 11Page - Linear Technology LTC1709 Datasheet HTML 12Page - Linear Technology LTC1709 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
LTC1709
FU CTIO AL DIAGRA
SWITCH
LOGIC
0.8V
4.7V
5V
VIN
VIN
A1
CLK2
TO
SECOND
CHANNEL
CLK1
+
+
+
VREF
INTERNAL
SUPPLY
EXTVCC
INTVCC
SGND
+
5V
LDO
REG
SW
SHDN
TOP
BOOST
TG
CB
CIN
DB
PGND*
BOT
BG
INTVCC
INTVCC
VIN
+
VOUT
1709 FBD
EAIN
DROP
OUT
DET
RUN
SOFT-
START
BOT
FORCE BOT
S
R
Q
Q
OSCILLATOR
PLLFLTR
50k
EA
0.86V
0.80V
OV
VFB
1.2
µA
6V
VIN
+
RC
4(VFB)
SHDN
RST
RUN/SS
TYPICAL ALL
VID PINS
ITH
CC
CSS
4(VFB)
SLOPE
COMP
+
SENSE
SENSE+
INTVCC
30k
45k
2.4V
45k
30k
I1
VID0
VID1
VID2
VID4
40k
VBIAS
ATTENIN
ATTENOUT
R2
20k
R1
R1 VARIABLE
AMPMD
DIFFOUT
0V POSITION
PHASE DET
PLLIN
DUPLICATE FOR
SECOND CHANNEL
+
RSENSE
L
COUT
VOS
+
VOS
FIN
RLP
CLP
VID3
5-BIT VID DECODER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com