전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC695CSW 데이터시트(PDF) 13 Page - Linear Technology

부품명 LTC695CSW
상세설명  Microprocessor Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC695CSW 데이터시트(HTML) 13 Page - Linear Technology

Back Button LTC695CSW Datasheet HTML 8Page - Linear Technology LTC695CSW Datasheet HTML 9Page - Linear Technology LTC695CSW Datasheet HTML 10Page - Linear Technology LTC695CSW Datasheet HTML 11Page - Linear Technology LTC695CSW Datasheet HTML 12Page - Linear Technology LTC695CSW Datasheet HTML 13Page - Linear Technology LTC695CSW Datasheet HTML 14Page - Linear Technology LTC695CSW Datasheet HTML 15Page - Linear Technology LTC695CSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC690/LTC691
LTC694/LTC695
Figure 12. Oscillator Configurations
S
APPLICATI
I FOR ATIO
The LTC691 and LTC695 provide an additional output
(Watchdog Output, WDO) which goes low if the watchdog
timer is allowed to time out and remains low until set high
by the next transition on the WDI pin. WDO is also set high
when VCC falls below the reset voltage threshold or VBATT.
The LTC691 and LTC695 have two additonal pins OSC SEL
and OSC IN, which allow reset active time and watchdog
time-out period to be adjusted per Table 2. Several con-
figurations are shown in Figure 12.
OSC IN can be driven by an external clock signal or an
external capacitor can be connected between OSC IN and
GND when OSC SEL is forced low. In these configurations,
the nominal reset active time and watchdog time-out
period are determined by the number of clocks or set by
the formula in Table 2. When OSC SEL is high or floating,
the internal oscillator is enabled and the reset active time
is fixed at 35ms minimum for the LTC691 and 140ms
minimum for the LTC695. OSC IN selectes between the 1
second and 70ms minimum normal watchdog time-out
periods. In both cases, the time-out period immediately
after a reset is at least 1 second.
Figure 11. Watchdog Time-Out Period and Reset Active Time
t1 = RESET ACTIVE TIME
t2 = NORMAL WATCHDOG TIME-OUT PERIOD
t3 = WATCHDOG TIME-OUT PERIOD IMMEDIATELY
AFTER A RESET
VCC = 5V
t2
t3
t1
t1
WDO
WDI
RESET
690 F11
EXTERNAL CLOCK
INTERNAL OSCILLATOR
1.6 SECOND WATCHDOG
INTERNAL OSCILLATOR
100ms WATCHDOG
EXTERNAL OSCILLATOR
GND
GND
GND
GND
VCC
VCC
VCC
OSC SEL
OSC SEL
OSC SEL
OSC SEL
OSC IN
OSC IN
OSC IN
OSC IN
3
3
3
3
4
4
4
4
8
8
8
8
7
7
7
7
VCC
FLOATING
OR HIGH
FLOATING
OR HIGH
LTC691
LTC695
FLOATING
OR HIGH
LTC691
LTC695
LTC691
LTC695
LTC691
LTC695
690 F12
5V
5V
5V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com