전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC695CSW 데이터시트(PDF) 14 Page - Linear Technology

부품명 LTC695CSW
상세설명  Microprocessor Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC695CSW 데이터시트(HTML) 14 Page - Linear Technology

Back Button LTC695CSW Datasheet HTML 8Page - Linear Technology LTC695CSW Datasheet HTML 9Page - Linear Technology LTC695CSW Datasheet HTML 10Page - Linear Technology LTC695CSW Datasheet HTML 11Page - Linear Technology LTC695CSW Datasheet HTML 12Page - Linear Technology LTC695CSW Datasheet HTML 13Page - Linear Technology LTC695CSW Datasheet HTML 14Page - Linear Technology LTC695CSW Datasheet HTML 15Page - Linear Technology LTC695CSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC690/LTC691
LTC694/LTC695
Low
External Clock Input
1024 clks
4096 clks
512 clks
2048 clks
Low
External Capacitor*
Floating or High
Low
100ms
1.6 sec
50ms
200ms
Floating or High
Floating or High
1.6 sec
1.6 sec
50ms
200ms
S
APPLICATI
I FOR ATIO
IMMEDIATELY
AFTER RESET
(Long Period)
1.6 sec
• C
70pF
200ms
• C
70pF
800ms
• C
70pF
NORMAL
(Short Period)
WATCHDOG TIME-OUT PERIOD
RESET ACTIVE TIME
LTC691
LTC695
400ms
• C
70pF
OSC IN
OSC SEL
Table 2. LTC691 and LTC695 Reset Active Time and Watchdog Time-Out Selections
Figure 13. The External Push-Button Reset
Figure 14. The External Push-Button Reset with the LTC1235
Push-Button Reset
The LTC690 family does not provide a logic input for direct
connection to a pushbutton. However, a push-button in
series with a 100
ΩresistorconnectedtotheRESEToutput
pin (Figure 13) provides an alternative for manual reset.
Connecting a 0.1
µF capacitor to the RESET pin debounces
the push-button input.
The 100
Ω resistor in series with the push-button is
required to prevent the ringing, due to the capacitance and
lead inductance, from pulling the RESET pins of the MPU
and LTC69X below ground.
If a dedicated pushbutton reset input is desired, the
LTC1235 is a good choice (Figure 14). It has all the
functions of the LTC695 and provides push-button reset
as an extra feature. Its push-button is internally debounced
and invokes the normal 200ms reset sequence. This
eliminates the need for the 100
Ω resistor and 0.1µF
capacitor. It also provides a more consistent reset pulse.
5V
100
Ω
VCC
LTC690/LTC691
LTC694/LTC695
GND
690 F13
RESET
0.1
µF
MPU
(e.g. 6805)
RESET
5V
VCC
LTC1235
GND
690 F14
RESET
MPU
(e.g. 6805)
RESET
PBRST
*The nominal internal frequency is 10.24kHz. The nominal oscillator frequency with external capacitor is fOSC (Hz) =
184,000
C(pF) • 1025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com