전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LF48410 데이터시트(PDF) 5 Page - LOGIC Devices Incorporated

부품명 LF48410
상세설명  1024 x 24-bit Video Histogrammer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LODEV [LOGIC Devices Incorporated]
홈페이지  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF48410 데이터시트(HTML) 5 Page - LOGIC Devices Incorporated

  LF48410 Datasheet HTML 1Page - LOGIC Devices Incorporated LF48410 Datasheet HTML 2Page - LOGIC Devices Incorporated LF48410 Datasheet HTML 3Page - LOGIC Devices Incorporated LF48410 Datasheet HTML 4Page - LOGIC Devices Incorporated LF48410 Datasheet HTML 5Page - LOGIC Devices Incorporated LF48410 Datasheet HTML 6Page - LOGIC Devices Incorporated LF48410 Datasheet HTML 7Page - LOGIC Devices Incorporated LF48410 Datasheet HTML 8Page - LOGIC Devices Incorporated LF48410 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DEVICES INCORPORATED
Video Imaging Products
5
LF48410
1024 x 24-bit Video Histogrammer
08/08/2000–LDS.48410-L
example, to set the number of delays
to 10, START would have to be set
LOW every 6 cycles. The maximum
delay length is 1029 and the minimum
delay length is 6. Data on DIN23-0
is latched on the rising edge of
CLK and loaded into the memory
array at the address defined by the
counter. Data is output on DIO23-0 (if
RD is LOW). If the counter reaches
the value of 1023, the counter will
hold this value and writing to the
memory array will be disabled.
DELAY AND SUBTRACT MODE
When the LF48410 is in this mode, the
chip is configured as shown in Figure 6.
The internal counter is used to gener-
ate address data for the memory
array. When START goes LOW, the
counter is reset to zero. Delay length
(row length) is determined by
reseting the counter every N–4 clock
cycles, where N is the number of
delays. The maximum delay length is
1029 and the minimum delay length
is 6. Data on DIN23-0 is latched on the
rising edge of CLK and loaded into
the memory array at the address
defined by the counter. Data is
output on DIO23-0 (if RD is LOW).
Before data read from the memory
array is output to DIO23-0, input data
is subtracted from it according to the
following formula: OUTC = D(C–N+1)
D(C–3). OUTC is the data sent to the
output port (DIO23-0) on clock cycle C.
D(C–N+1) is the data latched into the
device on clock cycle C–N+1, and D(C-
3)
is the data latched into the device on
clock cycle C–3. N is the number of
delays. For example, to determine
what will be output on DIO23-0 on
clock cycle 12 when the device is set
for 10 delays, set C=12 and N=10 to
obtain: OUT12 = D3 – D9. If the
counter reaches the value of 1023, the
counter will hold this value and
writing to the memory array will be
disabled.
ASYNCHRONOUS 16 MODE
When the LF48410 is in this mode, the
chip is configured as shown in Figure 7.
This mode allows the device to
function as an asynchronous single
port RAM. Each 24-bit memory
location is split into two parts, the
lower 16 bits and the upper 8 bits.
IOA9-0 addresses the 24-bit memory
locations, and UWS addresses the
lower 16 or upper 8 bits of those
locations. If UWS is LOW, the lower
16 bits of the 24-bit memory location
are addressed. If UWS is HIGH, the
upper 8 bits are addressed. Address
data on IOA9-0 and UWS is latched
into the device on the falling edge of
RD or WR. If RD latches the address
data, a memory read is performed.
Data at the specified address is
output on DIO15-0 (if UWS was
latched LOW) or DIO7-0 (if UWS was
latched HIGH). If UWS was latched
LOW/HIGH, DIO16-23/DIO8-23 will
output zeros during a memory read.
If WR latches the address data, a
memory write is performed. After
the falling edge of WR latches the
address, data on DIO15-0 (if UWS was
latched LOW) or DIO7-0 (if UWS was
latched HIGH) is written to the RAM
on the rising edge of WR.
FIGURE 6.
DELAY AND SUBTRACT MODE
FIGURE 5.
DELAY MEMORY MODE
RAM ARRAY
DATA IN
DATA OUT
ADDRESS
CONTROL
START
DIO
I/F
DIO23-0
24
RD
CLK
COUNTER
(TO ALL REGISTERS)
DIN23-0
24
NOTE: NUMBER IN REGISTER INDICATES
NUMBER OF PIPELINE DELAYS.
–DIN23-0
WR
RAM ARRAY
DATA IN
DATA OUT
ADDRESS
CONTROL
START
"0"
DIO
I/F
DIO23-0
24
RD
CLK
COUNTER
(TO ALL REGISTERS)
DIN23-0
24
NOTE: NUMBER IN REGISTER INDICATES
NUMBER OF PIPELINE DELAYS.
WR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com