전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP2102 데이터시트(PDF) 6 Page - SamHop Microelectronics Corp.

부품명 SP2102
상세설명  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SP2102 데이터시트(HTML) 6 Page - SamHop Microelectronics Corp.

  SP2102 Datasheet HTML 1Page - SamHop Microelectronics Corp. SP2102 Datasheet HTML 2Page - SamHop Microelectronics Corp. SP2102 Datasheet HTML 3Page - SamHop Microelectronics Corp. SP2102 Datasheet HTML 4Page - SamHop Microelectronics Corp. SP2102 Datasheet HTML 5Page - SamHop Microelectronics Corp. SP2102 Datasheet HTML 6Page - SamHop Microelectronics Corp. SP2102 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SP2102
www.samhop.com.tw
Jan,03,2014
6
PACKAGE OUTLINE DIMENSIONS
Ver 1.0
TOP VIEW
DFN 3x3-8L
BOTTOM VIEW
SIDE VIEW
E1
E
L1
D
e
D3
E3
A
A1
c
D2
D1
E2
L
b
SYMBOLS
MILLIMETERS
A
A1
b
c
D
E
E1
MIN
MAX
0.70
0.90
0.00
0.05
0.24
0.35
0.10
0.25
e
L
L1
3.00 BSC
0.30
0
o
NOM
0.80
0.30
0.152
1.813 BSC
0.50
0
10
o
3.00 BSC
D2
E2
2.475 BSC
0.225 BSC
3.20 BSC
D1
D3
1.063 BSC
0.65 BSC
0.40
0.00
0.100
12
o
E3
0.525 BSC



Html Pages

1 2 3 4 5 6 7