전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM102D 데이터시트(PDF) 2 Page - SamHop Microelectronics Corp.

부품명 STM102D
상세설명  Dual Enhancement Mode Field Effect Transistor (N and P Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM102D 데이터시트(HTML) 2 Page - SamHop Microelectronics Corp.

  STM102D Datasheet HTML 1Page - SamHop Microelectronics Corp. STM102D Datasheet HTML 2Page - SamHop Microelectronics Corp. STM102D Datasheet HTML 3Page - SamHop Microelectronics Corp. STM102D Datasheet HTML 4Page - SamHop Microelectronics Corp. STM102D Datasheet HTML 5Page - SamHop Microelectronics Corp. STM102D Datasheet HTML 6Page - SamHop Microelectronics Corp. STM102D Datasheet HTML 7Page - SamHop Microelectronics Corp. STM102D Datasheet HTML 8Page - SamHop Microelectronics Corp. STM102D Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
4 Symbol
Min
Typ
Max
Units
BVDSS
100
V
1
IGSS
±100
nA
VGS(th)
1.0
V
173
gFS
2
S
VSD
CISS
305
pF
COSS
36
pF
CRSS
23
pF
Qg
7.5
nC
8.2
nC
Qgs
16
nC
Qgd
4
tD(ON)
5.5
ns
tr
0.95
ns
tD(OFF)
1.7
ns
tf
ns
Gate-Drain Charge
VDS=25V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=50V
ID=1A
VGS=10V
RGEN=6ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
VDS=50V,ID=1A,VGS=10V
Fall Time
Turn-On Delay Time
m ohm
VGS=10V , ID=1.0A
VDS=10V , ID=1.0A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
uA
Gate Threshold Voltage
VDS=VGS ,ID=250uA
VDS=80V , VGS=0V
VGS=±20V,VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
N-Channel ELECTRICAL CHARACTERISTICS (TC=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V,ID=250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
3
VGS=4.5V , ID=0.8A
216
243
328
m ohm
c
f=1.0MHz
c
VDS=50V,ID=1A,
VGS=10V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
VGS=0V,IS=2.0A
0.83
1.3
V
STM102D
www.samhop.com.tw
Nov,30,2011
2
nC
VDS=50V,ID=1A,VGS=4.5V
3.2
1.7
b
Ver 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com