전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM102D 데이터시트(PDF) 3 Page - SamHop Microelectronics Corp.

부품명 STM102D
상세설명  Dual Enhancement Mode Field Effect Transistor (N and P Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM102D 데이터시트(HTML) 3 Page - SamHop Microelectronics Corp.

  STM102D Datasheet HTML 1Page - SamHop Microelectronics Corp. STM102D Datasheet HTML 2Page - SamHop Microelectronics Corp. STM102D Datasheet HTML 3Page - SamHop Microelectronics Corp. STM102D Datasheet HTML 4Page - SamHop Microelectronics Corp. STM102D Datasheet HTML 5Page - SamHop Microelectronics Corp. STM102D Datasheet HTML 6Page - SamHop Microelectronics Corp. STM102D Datasheet HTML 7Page - SamHop Microelectronics Corp. STM102D Datasheet HTML 8Page - SamHop Microelectronics Corp. STM102D Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
-100
V
-1
IGSS
±100
nA
VGS(th)
-1.0
V
438
gFS
3.6
S
VSD
CISS
840
pF
COSS
47
pF
CRSS
29
pF
Qg
12
nC
12
nC
Qgs
48
nC
Qgd
9
tD(ON)
15
ns
tr
1.5
ns
tD(OFF)
2.9
ns
tf
ns
Gate-Drain Charge
VDS=-25V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=-50V
ID=-0.65A
VGS=-10V
RGEN=6ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
VDS=-50V,ID=-0.65A,VGS=-10V
Fall Time
Turn-On Delay Time
m ohm
VGS=-10V , ID=-0.65A
VDS=-10V , ID=-0.65A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
uA
Gate Threshold Voltage
VDS=VGS ,ID=-250uA
VDS=-80V , VGS=0V
VGS=±20V,VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
P-Channel ELECTRICAL CHARACTERISTICS (TC=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V,ID=-250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
-3
VGS=-4.5V , ID=-0.6A
547
455
614
m ohm
c
f=1.0MHz
c
VDS=-50V,ID=-0.65A,
VGS=-10V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
VGS=0V,IS=-3A
-0.86
-1.3
V
Notes
a.Surface Mounted on FR4 Board,t < 10sec.
b.Pulse Test:Pulse Width < 300us, Duty Cycle < 2%.
c.Guaranteed by design, not subject to production testing.
d.Starting TJ=25°C,L=0.5mH,VDD = 20V,VGS=10V.(See Figure13)
_
_
STM102D
www.samhop.com.tw
Nov,30,2011
3
nC
VDS=-50V,ID=-0.65A,VGS=-4.5V
7
_
-1.8
b
Ver 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com