전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STUD35L01 데이터시트(PDF) 6 Page - SamHop Microelectronics Corp.

부품명 STUD35L01
상세설명  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD35L01 데이터시트(HTML) 6 Page - SamHop Microelectronics Corp.

  STUD35L01 Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD35L01 Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD35L01 Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD35L01 Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD35L01 Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD35L01 Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD35L01 Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD35L01 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
STU/D35L01
Ver 2.1
www.samhop.com.tw
Oct,29,2010
6
PACKAGE OUTLINE DIMENSIONS
TO-251
E2
D
E
D1
12
3
L2
P
L1
H
B
B2
B1
E1
A
C
D3
A1
SYMBOL
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
2.100
2.500
A1
0.350
0.650
B
0.400
B1
0.650
1.050
0.500
B2
0.900
C
0.400
0.600
D
5.300
5.700
D1
4.900
5.300
6.700
D2
7.300
D3
7.000
8.000
H
13.700
E
6.300
6.700
E1
4.600
4.900
4.800
5.200
E2
L
1.300
L1
1.400
L
D2
L2
P
0.800
15.300
1.700
1.800
0.500
0.900
2.300 BSC
0.091 BSC
0.083
0.098
0.014
0.026
0.016
0.031
0.026
0.041
0.020
0.035
0.016
0.024
0.209
0.224
0.193
0.209
0.264
0.287
0.276
0.315
0.539
0.602
0.248
0.264
0.181
0.193
0.189
0.205
0.051
0.067
0.055
0.071
0.020
0.035



Html Pages

1 2 3 4 5 6 7 8