전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RFPA5200 데이터시트(PDF) 3 Page - RF Micro Devices

부품명 RFPA5200
상세설명  3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFMD [RF Micro Devices]
홈페이지  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5200 데이터시트(HTML) 3 Page - RF Micro Devices

  RFPA5200 Datasheet HTML 1Page - RF Micro Devices RFPA5200 Datasheet HTML 2Page - RF Micro Devices RFPA5200 Datasheet HTML 3Page - RF Micro Devices RFPA5200 Datasheet HTML 4Page - RF Micro Devices RFPA5200 Datasheet HTML 5Page - RF Micro Devices RFPA5200 Datasheet HTML 6Page - RF Micro Devices RFPA5200 Datasheet HTML 7Page - RF Micro Devices RFPA5200 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3 of 8
RFPA5200
Preliminary
DS130606
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Typical Conditions (continued)
Tx Performance - Generic
ESD
Human Body Model
1000
V
All pins
Charge Device Model
1000
V
All pins
Thermal Resistance
RTH_I
38
°C/W
VCC=5V, POUT = 27dBm, 64QAM 54Mbps, duty
cycle = 100%, heated stage = 85°C
TJ-MAX
175
°C
Pin Names and Descriptions
Pin
Name
Description
1RFIN
RF input, is internally matched to 50
Ω. DC Blocked
2GND
Ground connection.
3VCC
This pin is connected internally to the collectors of RF device. To achieve specified performance, the lay-
out of the pin should match the Recommended Land Pattern
4NC
No Connection internal, Can be grounded or left open
5PDET
Power detector provides an output voltage proportional to the RF output power level.
6RFOUT
RF output, is internally matched to 50
Ω. DC Blocked
7GND
Ground connection.
8GND
Ground connection.
9VREG
PA bias voltage. This pin requires regulated supply for best performance.
10
PA_EN
PA Enable pin, Apply < 0.6VDC to turn PA off. Apply 1.75VDC to 5VDC to enable the PA.
Pkg Base
GND
Ground connection. The back side of the package should be connected to the ground plane through as
short connection as possible, e.g., PCB vias under the device are recommended.



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com