전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RFPA5200 데이터시트(PDF) 4 Page - RF Micro Devices

부품명 RFPA5200
상세설명  3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFMD [RF Micro Devices]
홈페이지  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5200 데이터시트(HTML) 4 Page - RF Micro Devices

  RFPA5200 Datasheet HTML 1Page - RF Micro Devices RFPA5200 Datasheet HTML 2Page - RF Micro Devices RFPA5200 Datasheet HTML 3Page - RF Micro Devices RFPA5200 Datasheet HTML 4Page - RF Micro Devices RFPA5200 Datasheet HTML 5Page - RF Micro Devices RFPA5200 Datasheet HTML 6Page - RF Micro Devices RFPA5200 Datasheet HTML 7Page - RF Micro Devices RFPA5200 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 of 8
RFPA5200
Preliminary
DS130606
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Out
RFOUT
PA_EN
Vreg
NC/
GND
Pdet
VCC
3
1
10
2
9
8
7
4
GND
RFIN
GND
GND
5
6



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com