| 전자부품 데이터시트 검색엔진 |
|
NJG1552F-R2 데이터시트(PDF) 3 Page - New Japan Radio |
|
|
|||||||||||||||||||||||||||||
NJG1552F-R2 데이터시트(HTML) 3 Page - New Japan Radio |
|
3 / 19 page ![]() NJG1552F - 3 - nELECTRICAL CHARACTERISTICS (RF 1.5GHz band) (Ta=25°C, VMIX=2.7V, VLO=2.7V, fIF=130MHz, PLO=-10dBm, Application1.5GHz, fLO=1619MHz) PARAMETERS SYMBOL CONDITIONS MIN TYP MAX UNITS Conversion Gain GC1 fRF=1489MHz, PRF=-30dBm 5.0 8.0 - dB 3rd Order Intercept Point IIP3-1 fRF=1489.0MHz+1489.1MHz - -5.0 - dBm Noise Figure NF1 fRF=1489.0MHz - 6.0 8.0 dB nELECTRICAL CHARACTERISTICS (RF 1.9GHz band) (Ta=25°C, VMIX=2.7V, VLO=2.7V, fIF=240MHz, PLO=-10dBm, Application1.9GHz, fLO=1660MHz) PARAMETERS SYMBOL CONDITIONS MIN TYP MAX UNITS Conversion Gain GC2 fRF=1900MHz, PRF=-30dBm 3.0 5.0 - dB 3rd Order Intercept Point IIP3-2 fRF=1900.0MHz+1900.1MHz - 1.0 - dBm Noise Figure NF2 fRF=1900.0MHz - 9.0 11.0 dB |