전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT9728 데이터시트(PDF) 6 Page - Richtek Technology Corporation

부품명 RT9728
상세설명  The RT9728 is a cost effective
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9728 데이터시트(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9728 Datasheet HTML 2Page - Richtek Technology Corporation RT9728 Datasheet HTML 3Page - Richtek Technology Corporation RT9728 Datasheet HTML 4Page - Richtek Technology Corporation RT9728 Datasheet HTML 5Page - Richtek Technology Corporation RT9728 Datasheet HTML 6Page - Richtek Technology Corporation RT9728 Datasheet HTML 7Page - Richtek Technology Corporation RT9728 Datasheet HTML 8Page - Richtek Technology Corporation RT9728 Datasheet HTML 9Page - Richtek Technology Corporation RT9728 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
RT9728
6
DS9728-05
October 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
VIN = 12V, VOUT = 3.3V, IOUT = 2A
Power Off from EN
Time (500
μs/Div)
IIN
(1A/Div)
VOUT
(2V/Div)
VEN
(5V/Div)
VIN = 5V, COUT = 150
μF,
RILIM = 20k
Ω,ROUT = 5 Ω
Current Limit
Time (2.5ms/Div)
VOUT
(2V/Div)
IIN
(1A/Div)
Short Circuit to No Load
VIN = 5V, COUT = 150
μF,
RILIM = 20k
Ω
FAULT
(5V/Div)
Current Limit
Time (2.5ms/Div)
VOUT
(2V/Div)
IIN
(1A/Div)
No Load to Short Circuit
VIN = 5V, COUT = 150
μF,
RILIM = 20k
Ω
FAULT
(5V/Div)
Power On from EN
Time (500
μs/Div)
VOUT
(2V/Div)
VEN
(5V/Div)
IIN
(1A/Div)
VIN = 5V, COUT = 150
μF,
RILIM = 20k
Ω, ROUT = 5 Ω
Current Limit
Time (2.5ms/Div)
IIN
(1A/Div)
VOUT
(2V/Div)
Full Load (5
Ω) to Short Circuit
VIN = 5V, COUT = 150
μF, RILIM = 20kΩ
FAULT
(5V/Div)
Current Limit
Time (2.5ms/Div)
IIN
(1A/Div)
VOUT
(2V/Div)
VIN = 5V, COUT = 150
μF,
RILIM = 20k
Ω
Short Circuit to Full Load (5
Ω)
FAULT
(5V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com