전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT9728 데이터시트(PDF) 8 Page - Richtek Technology Corporation

부품명 RT9728
상세설명  The RT9728 is a cost effective
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9728 데이터시트(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9728 Datasheet HTML 3Page - Richtek Technology Corporation RT9728 Datasheet HTML 4Page - Richtek Technology Corporation RT9728 Datasheet HTML 5Page - Richtek Technology Corporation RT9728 Datasheet HTML 6Page - Richtek Technology Corporation RT9728 Datasheet HTML 7Page - Richtek Technology Corporation RT9728 Datasheet HTML 8Page - Richtek Technology Corporation RT9728 Datasheet HTML 9Page - Richtek Technology Corporation RT9728 Datasheet HTML 10Page - Richtek Technology Corporation RT9728 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
RT9728
8
DS9728-05
October 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
The RT9728 is a single P-MOSFET high side power switch
with active high enable input, optimized for self powered
and bus powered Universal Serial Bus (USB) applications.
The switch's low RDS(ON) meets USB voltage drop
requirements and a flag output is available to indicate fault
conditions to the local USB controller.
Current Limiting and Short Circuit Protection
When a heavy load or short circuit situation occurs while
the switch is enabled, large transient current may flow
through the device. The RT9728 includes a current limit
circuitry to prevent these large currents from damaging
the MOSFET switch and the hub downstream ports. The
RT9728 provides an adjustable current limit threshold
between 120mA and 1.3A (typ.) via an external resistor,
RILIM, between 19.1k
Ω and 232kΩ. However, if the ILIM
pin is connected to VIN, the current limit threshold will be
75mA (typ.). Once the current limit threshold is exceeded,
Figure 1. Current Limit Threshold vs. RILIM
Ω
Current Limit Threshold vs. RILIM
0
200
400
600
800
1000
1200
1400
1600
20
50
80
110
140
170
200
230
RILIM (k )
Actual Limits (Include R Tolerance)
Desired Nominal
Current Limit (mA)
Ideal Resistor
(k
)
Closet 1%
Resistor (k
)
IOS Min (mA)
IOS Nom (mA)
IOS Max (mA)
75
Short Ilim to VIN
50.0
75.0
100.0
120
226.1
226.0
101.3
120.0
142.1
200
134.0
133.0
173.7
201.5
233.9
300
88.5
88.7
262.1
299.4
342.3
400
65.9
66.5
351.1
396.7
448.7
500
52.5
52.3
443.9
501.6
562.4
600
43.5
43.2
535.1
604.6
674.1
700
37.2
37.4
616.0
696.0
776.0
800
32.4
32.4
708.7
800.8
892.9
900
28.7
28.7
797.8
901.5
1005.2
1000
25.8
26.1
875.4
989.1
1102.8
1100
23.4
23.2
982.1
1109.7
1237.3
1200
21.4
21.5
1057.9
1195.4
1332.9
1300
19.7
19.6
1158.0
1308.5
1459.0
the device enters constant current mode until either
thermal shutdown occurs or the fault is removed. The table1
shows a recommended current limit value vs. RILIM resistor.
Table 1. Recommended RILIM Resistor Selections



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com