전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RFUV1702 데이터시트(PDF) 2 Page - RF Micro Devices

부품명 RFUV1702
상세설명  17.7GHz TO 19.7GHz GaAs MMIC IQ UPCONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFMD [RF Micro Devices]
홈페이지  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFUV1702 데이터시트(HTML) 2 Page - RF Micro Devices

  RFUV1702 Datasheet HTML 1Page - RF Micro Devices RFUV1702 Datasheet HTML 2Page - RF Micro Devices RFUV1702 Datasheet HTML 3Page - RF Micro Devices RFUV1702 Datasheet HTML 4Page - RF Micro Devices RFUV1702 Datasheet HTML 5Page - RF Micro Devices RFUV1702 Datasheet HTML 6Page - RF Micro Devices RFUV1702 Datasheet HTML 7Page - RF Micro Devices RFUV1702 Datasheet HTML 8Page - RF Micro Devices RFUV1702 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2 of 11
RFUV1702
DS130311
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Nominal Operating Parameters
Absolute Maximum Ratings
Parameter
Rating
Unit
LPA Drain Voltage VD
6V
LOA Drain Voltage
6
V
IF Input Power
15
dBm
LO Input Power
15
dBm
TOPER
-55 to +85
C
TSTOR
-65 to +150
C
ESD Human Body Model
Class 1A
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
RF Frequency
17.7
19.7
GHz
LO Frequency
6.85
11.85
GHz
IF Frequency
DC
4.0
GHz
LO input Drive
0
dBm
Conversion Gain (Max.)
21
dB
Conversion Gain (Min.)
-5
dB
NF (Max. Gain)
9
dB
NF (-5dB Gain)
18
dB
OIP3 (Max. Gain)
28
dBm
OIP3 (-5dB Gain)
10
dBm
Image Rejection
15
dBc
LO Leakage at RF-Port (Max. Gain)
-5
dBm
With IQ bias
LO Return Loss
10
dB
RF Return Loss
10
dB
VVA
-4
0
V
VMPA
4.5
V
VLPA12
3.5
V
VLOA1, VLOA2
4V
ILOA1, ILOA2
206
mA
ILPA12*120
mA
Adjust VG1 ≈ -0.4V to achieve ILPA12 = 120mA
IMPA*120
mA
Adjust VG2 ≈ -0.4V to achieve IMPA = 120mA
*Note: These currents can be adjusted to optimize performance for varying application requirements.
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com