전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RFUV1702 데이터시트(PDF) 1 Page - RF Micro Devices

부품명 RFUV1702
상세설명  17.7GHz TO 19.7GHz GaAs MMIC IQ UPCONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFMD [RF Micro Devices]
홈페이지  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFUV1702 데이터시트(HTML) 1 Page - RF Micro Devices

  RFUV1702 Datasheet HTML 1Page - RF Micro Devices RFUV1702 Datasheet HTML 2Page - RF Micro Devices RFUV1702 Datasheet HTML 3Page - RF Micro Devices RFUV1702 Datasheet HTML 4Page - RF Micro Devices RFUV1702 Datasheet HTML 5Page - RF Micro Devices RFUV1702 Datasheet HTML 6Page - RF Micro Devices RFUV1702 Datasheet HTML 7Page - RF Micro Devices RFUV1702 Datasheet HTML 8Page - RF Micro Devices RFUV1702 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 11
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
PACKAGE
GND
32 31 30 29 28 27 26 25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
9
10 11 12 13 14 15 16
90
0
N/C
GND
LOIN
GND
N/C
N/C
N/C
N/C
VLOA1 VLOA2 N/C Vc3 Vc1 Vc2
Vg2 VMPA
N/C GND
I
N/C GND Q
N/C Vg1
VLPA12
N/C
N/C
N/C
GND
RFOUT
GND
N/C
x2
RFUV1702
17.7GHz TO 19.7GHz GaAs MMIC IQ
UPCONVERTER
RFMD's RFUV1702 is a 17.7GHz to 19.7GHz GaAs pHEMT upconverter, incorporat-
ing an integrated frequency multiplier (x2), LO buffer amplifier, a balanced single
sideband (image rejection) mixer followed by variable gain amplifier, and DC decou-
pling capacitors. The combination of high performance parts and low-cost packag-
ing makes the RFUV1702 a cost-effective solution, ideally suited to both current
and next generation point-to-point and VSAT applications. RFUV1702 is packaged in
a 5mm x 5mm QFN to simplify both system level board design and volume assem-
bly.
Features
RF Frequency: 17.7GHz to
19.7GHz
LO Frequency: 6.85GHz to
11.85GHz
IF Frequency: DC to 4GHz
Conversion Gain (Max): 21dB
Conversion Gain (Min): -5dB
NF (Max. Gain): 9dB
NF (Min. Gain): 18dB
OIP3 (Max. Gain): +28dBm
OIP3 (Min. Gain): +10dBm
Image Rejection:
≥15dBc
Applications
Point-to-Point
VSAT
DS130311
Package: QFN, 32-Pin, 5mm x 5mm x 0.95mm
RFUV1702
RFUV1702S2
2-Piece Sample Bag
RFUV1702SB
5-Piece Bag
RFUV1702SQ
25-Piece Bag
RFUV1702SR
100 Pieces on 7” reel
RFUV1702TR7
750 Pieces on 7” reel
RFUV1702PCBA-410
Evaluation Board


유사한 부품 번호 - RFUV1702

제조업체부품명데이터시트상세설명
logo
RF Micro Devices
RFUV1703 RFMD-RFUV1703 Datasheet
662Kb / 14P
21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
logo
Qorvo, Inc
RFUV1703 QORVO-RFUV1703 Datasheet
1Mb / 13P
21 GHz to 26.5 GHz GaAs MMIC IQ Upco
logo
RF Micro Devices
RFUV1703PCBA-410 RFMD-RFUV1703PCBA-410 Datasheet
662Kb / 14P
21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
logo
Qorvo, Inc
RFUV1703PCBA-410 QORVO-RFUV1703PCBA-410 Datasheet
1Mb / 13P
21 GHz to 26.5 GHz GaAs MMIC IQ Upco
logo
RF Micro Devices
RFUV1703S2 RFMD-RFUV1703S2 Datasheet
662Kb / 14P
21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
More results

유사한 설명 - RFUV1702

제조업체부품명데이터시트상세설명
logo
NEC
UPC8125GR NEC-UPC8125GR Datasheet
67Kb / 5P
SILICON MMIC UPCONVERTER WITH AGC IQ MODULATOR
UPC8125GR NEC-UPC8125GR_99 Datasheet
176Kb / 15P
SILICON MMIC UPCONVERTER WITH AGC IQ MODULATOR
logo
RF Micro Devices
RFPA1702 RFMD-RFPA1702 Datasheet
911Kb / 9P
17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
RFRX1001 RFMD-RFRX1001 Datasheet
1Mb / 9P
GaAs MMIC IQ Downconverter 10GHz to 15.4GHz
RFRX1002 RFMD-RFRX1002 Datasheet
1Mb / 9P
GaAs MMIC IQ Downconverter 9GHz to 14GHz
RFRX1701 RFMD-RFRX1701 Datasheet
1Mb / 7P
GaAs MMIC IQ Downconverter 17.7GHz to 26.5GHz
RFRX1702 RFMD-RFRX1702 Datasheet
1Mb / 7P
GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
RFUV1003 RFMD-RFUV1003 Datasheet
1Mb / 10P
GaAs MMIC IQ UpConverter 12GHz to 16GHz
RFUV1703 RFMD-RFUV1703 Datasheet
662Kb / 14P
21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
logo
Marki Microwave
MMIQ-0520HSM MARKIMICROWAVE-MMIQ-0520HSM Datasheet
932Kb / 13P
Passive GaAs MMIC IQ Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com