전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF621_623 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 BF621_623
상세설명  PNP high-voltage transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF621_623 데이터시트(HTML) 2 Page - NXP Semiconductors

  BF621_623_15 Datasheet HTML 1Page - NXP Semiconductors BF621_623_15 Datasheet HTML 2Page - NXP Semiconductors BF621_623_15 Datasheet HTML 3Page - NXP Semiconductors BF621_623_15 Datasheet HTML 4Page - NXP Semiconductors BF621_623_15 Datasheet HTML 5Page - NXP Semiconductors BF621_623_15 Datasheet HTML 6Page - NXP Semiconductors BF621_623_15 Datasheet HTML 7Page - NXP Semiconductors BF621_623_15 Datasheet HTML 8Page - NXP Semiconductors BF621_623_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2004 Dec 14
2
NXP Semiconductors
Product data sheet
PNP high-voltage transistors
BF621; BF623
FEATURES
• Low current (max. 50 mA)
• High voltage (max. 300 V).
APPLICATIONS
• Video output stages.
DESCRIPTION
PNP high-voltage transistor in a SOT89 plastic package.
NPN complements: BF620 and BF622.
PINNING
PIN
DESCRIPTION
1
emitter
2
collector
3
base
321
sym079
1
2
3
Fig.1 Simplified outline (SOT89) and symbol.
MARKING
TYPE NUMBER
MARKING CODE
BF621
DF
BF623
DB
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BF621
SC-62
plastic surface mounted package; collector pad for good heat
transfer; 3 leads
SOT89
BF623



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com