전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF621_623 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 BF621_623
상세설명  PNP high-voltage transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF621_623 데이터시트(HTML) 3 Page - NXP Semiconductors

  BF621_623_15 Datasheet HTML 1Page - NXP Semiconductors BF621_623_15 Datasheet HTML 2Page - NXP Semiconductors BF621_623_15 Datasheet HTML 3Page - NXP Semiconductors BF621_623_15 Datasheet HTML 4Page - NXP Semiconductors BF621_623_15 Datasheet HTML 5Page - NXP Semiconductors BF621_623_15 Datasheet HTML 6Page - NXP Semiconductors BF621_623_15 Datasheet HTML 7Page - NXP Semiconductors BF621_623_15 Datasheet HTML 8Page - NXP Semiconductors BF621_623_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2004 Dec 14
3
NXP Semiconductors
Product data sheet
PNP high-voltage transistors
BF621; BF623
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1.
Device mounted on a printed-circuit board, single-sided copper, tin-plated and standard footprint.
2.
Device mounted on a printed-circuit board, single-sided copper, tin-plated and mounting pad for collector 1 cm2.
3.
Device mounted on a printed-circuit board, single-sided copper, tin-plated and mounting pad for collector 6 cm2.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BF621
−300
V
BF623
−250
V
VCEO
collector-emitter voltage
open base
BF621
−300
V
BF623
−250
V
VEBO
emitter-base voltage
open collector
−5
V
IC
collector current (DC)
−50
mA
ICM
peak collector current
−100
mA
IBM
peak base current
−50
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
note 1
0.5
W
note 2
0.8
W
note 3
1.1
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
ambient temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com