전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USFB13 데이터시트(PDF) 2 Page - KEC(Korea Electronics)

부품명 USFB13
상세설명  SCHOTTKY BARRIER TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

USFB13 데이터시트(HTML) 2 Page - KEC(Korea Electronics)

  USFB13 Datasheet HTML 1Page - KEC(Korea Electronics) USFB13 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2005. 12. 1
2/2
USFB13
Revision No : 0
0
100
200
300
500
400
1000
1
10
100
Ta=150
I
-
V
FF
F
INSTANTANEOUS FORWARD VOLTAGE V
(V)
C
-
V
JR
R
REVERSE VOLTAGE V
(V)
NUMBER OF CYCLES
1
0
10
20
10
SURGE FORWARD CURRENT
(NON - REPETITIVE)
100
Ta=25 C
Ta=25 C
f=1MHz
Ta
- I F(AV)
MAX
F(AV)
AVERAGE FORWARD CURRENT I
(A)
0
0
25
50
125
100
75
0.4
1.2
1.6
0.8
2.0
110
30
10
100
1000
20
Ta=125
Ta=75
Ta=25
D=1/2
DC
8.3ms
8.3ms
1cyc.
0A
0V
IO
VR
D=t/T
VR=15V
Tj=125 C
t
T
Sin ( =180)



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com