| 전자부품 데이터시트 검색엔진 |
|
USFB13 데이터시트(PDF) 1 Page - KEC(Korea Electronics) |
|
|
|||||||||||||||||||||||||||||
USFB13 데이터시트(HTML) 1 Page - KEC(Korea Electronics) |
|
1 / 2 page ![]() 2005. 12. 1 1/2 SEMICONDUCTOR TECHNICAL DATA USFB13 SCHOTTKY BARRIER TYPE DIODE Revision No : 0 SWITCHING TYPE POWER SUPPLY APPLICATIONS. FEATURES Low Profile Surface Mount Package. Low Power Loss, High Efficiency. For Use in Low Voltage, High Frequency inverters, Free Wheeling, and Polarity Protection Applications. APPLICATION Switching Power Supply. Reversed Battery Connection Protection. DC/DC Converter. Cellular Phones. MAXIMUM RATING (Ta=25 ) USF A 21 1. ANODE 2. CATHODE B CC DIM MILLIMETERS A B C D D E E E F F G H G H I I J J CATHODE MARK 0.91 0.05 + _ 0.61 0.05 + _ 2.5 0.1 + _ 1.9 0.1 + _ 1.3 0.1 + _ 0.46 0.1 + _ 1.2 0.1 + _ 0.11 0.05 + _ 0.6 0.1 + _ 0.8 0.1 + _ ELECTRICAL CHARACTERISTICS (Ta=25 ) CATHODE MARK Type Name Marking A3 Lot No. CHARACTERISTIC SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT Peak Forward Voltage VFM IFM=1.0A - 0.43 0.47 V Repetitive Peak Reverse Current IRRM (1) VRRM=5V - 15 40 A IRRM (2) VRRM=30V - 40 200 A Junction Capacitance Cj VR=10V, f=1.0MHz - 30 - pF CHARACTERISTIC SYMBOL RATING UNIT Maximum Repetitive Peak Reverse Voltage VRRM 30 V Average Output Rectified Current IO 1 A Peak One Cycle Surge Forward Current (Non-Repetitive 60Hz) IFSM 5 A Power Dissipation PD * 667 mW Junction Temperature Tj -40 125 Storage Temperature Range Tstg -40 125 * Mounted on a glass epoxy board (Soldering land : 6mm 6mm) |
유사한 부품 번호 - USFB13 |
|
유사한 설명 - USFB13 |
|
|
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |