전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AUIRF1405 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 AUIRF1405
상세설명  Low on-resistance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

AUIRF1405 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  AUIRF1405 Datasheet HTML 1Page - List of Unclassifed Manufacturers AUIRF1405 Datasheet HTML 2Page - List of Unclassifed Manufacturers AUIRF1405 Datasheet HTML 3Page - List of Unclassifed Manufacturers AUIRF1405 Datasheet HTML 4Page - List of Unclassifed Manufacturers AUIRF1405 Datasheet HTML 5Page - List of Unclassifed Manufacturers AUIRF1405 Datasheet HTML 6Page - List of Unclassifed Manufacturers AUIRF1405 Datasheet HTML 7Page - List of Unclassifed Manufacturers AUIRF1405 Datasheet HTML 8Page - List of Unclassifed Manufacturers AUIRF1405 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AUIRF1405
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11).
‚ Starting TJ = 25°C, L = 0.11mH
RG = 25, IAS = 101A. (See Figure 12).
ƒ ISD  101A, di/dt  210A/μs, VDD V(BR)DSS,
TJ  175°C
„ Pulse width  400μs; duty cycle  2%.
… Coss eff. is a fixed capacitance that gives the same charging
time as Coss while VDS is rising from 0 to 80% VDSS .
† Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 75A.
‡ Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical repetitive
avalanche performance.
ˆ Ris measured at TJ of approximately 90°C.
S
D
G
S
D
G
Static Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
–––
0.057
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
4.6
5.3
m
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
gfs
Forward Transconductance
69
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
20
μA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Qg
Total Gate Charge
–––
170
260
Qgs
Gate-to-Source Charge
–––
44
66
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
62
93
td(on)
Turn-On Delay Time
–––
13
–––
tr
Rise Time
–––
190
–––
td(off)
Turn-Off Delay Time
–––
130
–––
ns
tf
Fall Time
–––
110
–––
LD
Internal Drain Inductance
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
from package
and center of die contact
Ciss
Input Capacitance
–––
5480
–––
Coss
Output Capacitance
–––
1210
–––
Crss
Reverse Transfer Capacitance
–––
280
–––
pF
Coss
Output Capacitance
–––
5210
–––
Coss
Output Capacitance
–––
900
–––
Coss eff.
Effective Output Capacitance
g
–––
1500
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
A
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
88
130
ns
Qrr
Reverse Recovery Charge
–––
250
380
nC
ton
Forward Turn-On Time
VDS = VGS, ID = 250μA
VDS = 55V, VGS = 0V
VDS = 44V, VGS = 0V, TJ = 150°C
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 10V f
VDD = 38V
ID = 101A
RG = 1.1 
VGS = -20V
Conditions
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 101A f
p-n junction diode.
TJ = 25°C, IS = 101A, VGS = 0V f
TJ = 25°C, IF = 101A
di/dt = 100A/μs
f
MOSFET symbol
showing the
integral reverse
VGS = 0V, VDS = 44V, ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 44V
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VDS = 25V, ID = 101A
ID = 101A
VDS = 44V
Conditions
VGS = 10V f
VGS = 0V
VDS = 25V
ƒ = 1.0MHz, See Fig.5
VGS = 20V
4.5
–––
–––
–––
–––
7.5
–––
–––
169
h
–––
–––
680



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com