전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AUIRF1405 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 AUIRF1405
상세설명  Low on-resistance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

AUIRF1405 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  AUIRF1405 Datasheet HTML 1Page - List of Unclassifed Manufacturers AUIRF1405 Datasheet HTML 2Page - List of Unclassifed Manufacturers AUIRF1405 Datasheet HTML 3Page - List of Unclassifed Manufacturers AUIRF1405 Datasheet HTML 4Page - List of Unclassifed Manufacturers AUIRF1405 Datasheet HTML 5Page - List of Unclassifed Manufacturers AUIRF1405 Datasheet HTML 6Page - List of Unclassifed Manufacturers AUIRF1405 Datasheet HTML 7Page - List of Unclassifed Manufacturers AUIRF1405 Datasheet HTML 8Page - List of Unclassifed Manufacturers AUIRF1405 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AUIRF1405
www.irf.com
3
† Qualification standards can be found at International Rectifier’s web site: http//www.irf.com/
†† Exceptions (if any) to AEC-Q101 requirements are noted in the qualification report.
††† Highest passing voltage.
Qualification Information
TO-220
N/A
Charged Device Model
Class C5 (+/- >2000V) †††
AEC-Q101-005
Moisture Sensitivity Level
Qualification Level
Automotive
(per AEC-Q101)
††
Comments: This part number(s) passed Automotive qualification.
IR’s Industrial and Consumer qualification level is granted by
extension of the higher Automotive level.
RoHS Compliant
Yes
ESD
Machine Model
Class M4 (+/-600V) †††
AEC-Q101-002
Human Body Model
Class H2 (+/-4000V) †††
AEC-Q101-001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com