전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX3514 데이터시트(PDF) 13 Page - Maxim Integrated Products

부품명 MAX3514
상세설명  Upstream CATV Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3514 데이터시트(HTML) 13 Page - Maxim Integrated Products

Back Button MAX3514 Datasheet HTML 9Page - Maxim Integrated Products MAX3514 Datasheet HTML 10Page - Maxim Integrated Products MAX3514 Datasheet HTML 11Page - Maxim Integrated Products MAX3514 Datasheet HTML 12Page - Maxim Integrated Products MAX3514 Datasheet HTML 13Page - Maxim Integrated Products MAX3514 Datasheet HTML 14Page - Maxim Integrated Products MAX3514 Datasheet HTML 15Page - Maxim Integrated Products MAX3514 Datasheet HTML 16Page - Maxim Integrated Products MAX3514 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Upstream CATV Amplifiers
______________________________________________________________________________________
13
0
0.3
0.2
0.1
0.5
0.4
0.9
0.8
0.7
0.6
1.0
60
70
80
90
100
110
120
GAIN STEP vs. GAIN MODE
HIGH-POWER MODE
GAIN CODE
0
0.2
0.1
0.4
0.3
0.6
0.5
0.7
0.9
0.8
1.0
30
50
60
70
40
80
90 100 110 120
GAIN STEP vs. GAIN CODE
LOW-NOISE MODE
GAIN CODE
-55
-45
-50
-35
-40
-25
-30
-20
30
70
50
90
110
130
TRANSMIT NOISE vs. GAIN CODE
GAIN CODE
HIGH-POWER MODE
LOW-NOISE MODE
-85
-75
-80
-65
-70
-55
-60
-50
020
30
10
40
50
60
70
2ND HARMONIC DISTORTION
vs. INPUT FREQUENCY, VCC = 5.0V
INPUT FREQUENCY (MHz)
20dBmV, LN
50dBmV, HP
61dBmV, HP
64dBmV, HP
-80
-70
-75
-60
-65
-50
-55
-45
020
30
10
40
50
60
70
3RD HARMONIC DISTORTION
vs. INPUT FREQUENCY, VCC = 5.0V
INPUT FREQUENCY (MHz)
64dBmV, HP
61dBmV, HP
50dBmV, HP
20dBmV, LN
-80
-70
-75
-60
-65
-55
-50
030
40
10
20
50
60
70
2ND HARMONIC DISTORTION
vs. INPUT FREQUENCY, VCC = 7.0V
INPUT FREQUENCY (MHz)
20dBmV, LN
50dBmV, HP
61dBmV, HP
64dBmV, HP
-80
-70
-75
-60
-65
-55
-50
030
40
10
20
50
60
70
3RD HARMONIC DISTORTION
vs. INPUT FREQUENCY, VCC = 7.0V
INPUT FREQUENCY (MHz)
64dBmV, HP
50dBmV, HP
20dBmV, LN
61dBmV, HP
0
100
140
POWER-UP/DOWN TRANSIENTS
vs. GAIN CODE
GAIN CODE
40
100
0.1
1
10
20
60
120
80
HIGH-POWER MODE
LOW-NOISE MODE
0
-16
1
10
100
OUTPUT RETURN LOSS vs. FREQUENCY
(75
Ω SYSTEM)
-12
-14
FREQUENCY (MHz)
-8
-10
-6
-4
-2
HIGH-POWER MODE
LOW-NOISE MODE/
TRANSMIT-DISABLE MODE
Typical Operating Characteristics (continued)
(Typical operating circuit; VCC = +5V, VIN = +34dBmV, TXEN = SHDN = high, fIN = 20MHz, ZLOAD = 75
Ω, TA = +25°C, unless
otherwise noted.)
MAX3516 (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com