전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX3514 데이터시트(PDF) 5 Page - Maxim Integrated Products

부품명 MAX3514
상세설명  Upstream CATV Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3514 데이터시트(HTML) 5 Page - Maxim Integrated Products

  MAX3514 Datasheet HTML 1Page - Maxim Integrated Products MAX3514 Datasheet HTML 2Page - Maxim Integrated Products MAX3514 Datasheet HTML 3Page - Maxim Integrated Products MAX3514 Datasheet HTML 4Page - Maxim Integrated Products MAX3514 Datasheet HTML 5Page - Maxim Integrated Products MAX3514 Datasheet HTML 6Page - Maxim Integrated Products MAX3514 Datasheet HTML 7Page - Maxim Integrated Products MAX3514 Datasheet HTML 8Page - Maxim Integrated Products MAX3514 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Upstream CATV Amplifiers
_______________________________________________________________________________________
5
AC ELECTRICAL CHARACTERISTICS—MAX3516
(MAX3516 EV kit; VCC = +4.75V to +5.25V, VGND = 0, PIN = +34dBmV, TXEN = SHDN = high, TA = -40°C to +85°C. Typical parame-
ters are at VCC = +5V, TA = +25°C, unless otherwise specified.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
D7 = 1, gain code = 125,
TA = 0
°C to +85°C
30
31
32
D7 = 1, gain code = 119,
TA = 0
°C to +85°C
27
28
29
D7 = 1, gain code = 104,
TA = 0
°C to +85°C
19.5
20.5
21.5
D7 = 1, gain code = 81,
TA = 0
°C to +85°C
8
9
10
D7 = 0, gain code = 109,
TA = 0
°C to +85°C
7
8
9
D7 = 0, gain code = 94,
TA = 0
°C to +85°C
-0.5
0.5
1.5
D7 = 0, gain code = 74,
TA = 0
°C to +85°C
-10.5
-9.5
-8.5
D7 = 0, gain code = 54,
TA = 0
°C to +85°C
-20.5
-19.5
-18.5
Voltage Gain, fIN = 5MHz
(Note 2)
AV
D7 = 0, gain code = 42,
TA = 0
°C to +85°C
-26.5
-25.5
-24.5
dB
Voltage Gain, fIN = 65MHz
AV
D7 = 1, gain code = 127,
TA = -40
°C to +85°C (Notes 3, 4)
28.1
dB
VOUT = 64dBmV,
fIN = 5MHz to 42MHz (Notes 3, 4)
-0.3
-0.6
Gain Rolloff
VOUT = 64dBmV,
fIN = 5MHz to 65MHz (Notes 3, 4)
-1.1
-1.7
dB
fIN = 5MHz to 65MHz,
AV = -26dB to +30dB
0.5
fIN = 5MHz to 65MHz,
AV = -26dB to +30dB, any 2-bit
transition of D0, D1
0.7
1.0
1.3
Gain Step Size
fIN = 5MHz to 42MHz,
AV = -26dB to +30dB,
D7 = 0, gain code = 109; to
D7 = 1, gain code = 81
0.7
1.0
1.3
dB
Transmit-Disable Mode Noise
TXEN = low, BW = 160kHz,
fIN = 5MHz to 65MHz
-71
dBmV
Isolation in Transmit-Disable
Mode
TXEN = low, fIN = 5MHz to 65MHz
(Note 3)
60
dB
Transmit Mode Noise
BW = 160kHz, fIN = 5MHz to 65MHz,
AV = -26dB to 27dB (Note 3)
-59
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com