전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD6C841 데이터시트(PDF) 5 Page - Solid State Optronic

부품명 AD6C841
상세설명  High Input-to-Output Isolation (up to 5VRMS)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSOUSA [Solid State Optronic]
홈페이지  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD6C841 데이터시트(HTML) 5 Page - Solid State Optronic

  AD6C841 Datasheet HTML 1Page - Solid State Optronic AD6C841 Datasheet HTML 2Page - Solid State Optronic AD6C841 Datasheet HTML 3Page - Solid State Optronic AD6C841 Datasheet HTML 4Page - Solid State Optronic AD6C841 Datasheet HTML 5Page - Solid State Optronic AD6C841 Datasheet HTML 6Page - Solid State Optronic AD6C841 Datasheet HTML 7Page - Solid State Optronic AD6C841 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 5 of 8
AD6C841 H/S/TR
Rev 2.00 (11/25/2013)
001743
AD6C841
1 Form A
50V / 100mΩ
MOSFET Output Solid State Relay
AD6C841 Package Dimensions
6 PIN DIP Package
Note: All dimensions in inches [“] with millimeters in parenthesis ()



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com