전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD6C841 데이터시트(PDF) 1 Page - Solid State Optronic

부품명 AD6C841
상세설명  High Input-to-Output Isolation (up to 5VRMS)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSOUSA [Solid State Optronic]
홈페이지  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD6C841 데이터시트(HTML) 1 Page - Solid State Optronic

  AD6C841 Datasheet HTML 1Page - Solid State Optronic AD6C841 Datasheet HTML 2Page - Solid State Optronic AD6C841 Datasheet HTML 3Page - Solid State Optronic AD6C841 Datasheet HTML 4Page - Solid State Optronic AD6C841 Datasheet HTML 5Page - Solid State Optronic AD6C841 Datasheet HTML 6Page - Solid State Optronic AD6C841 Datasheet HTML 7Page - Solid State Optronic AD6C841 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
AD6C841 H/S/TR
Rev 2.00 (11/25/2013)
001743
Page 1 of 8
AD6C841
1 Form A
50V / 100mΩ
MOSFET Output Solid State Relay
Description
The AD6C841 is a bi-directional, single-pole, single-throw,
normally open multipurpose relay. It is designed to replace
electro-mechanical relays in general purpose switching
applications. The relay consists of an integrated circuit that
drives two rugged drain-to-drain enhancement type DMOS
transistors - optically coupled to a light emitting diode. The
output MOS transistors have extremely low on resistance
allowing the relay to high continuous load currents of up to
2.5 amps.
The AD6C841 comes standard in a compact 6 pin DIP
package making it ideal for high-density board applications.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Reed Relay Replacement
Meter Reading Systems
Data Acquisition
Medical Equipment
Battery Monitoring
Safety Systems
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature
………………………-40 to +85°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation…………………………………40mW
Output Power Dissipation ……………………………..800mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
AD6C841
6 pin DIP, (50/Tube)
AD6C841-H
5kVRMS VISO, 6 pin DIP, (50/Tube)
AD6C841-S
6 pin SMD, (50/Tube)
AD6C841-HS
5kVRMS, 6 pin SMD, (50/Tube)
AD6C841-STR
6 pin SMD, Tape and Reel (1000/Reel)
AD6C841-HSTR 5kVRMS, 6 pin SMD, Tape and Reel (1000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
Compact 6 pin DIP/SMD Package
High Input-to-Output Isolation (up to 5VRMS)
Low Input Control Current (2.5mA TYP)
2.5A Maximum Continuous Load Current
Low On Resistance (70m
 TYP)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
1
2
3
4
5
6
(+) Input
(-) Input
Do Not Use
-/+ Load
DC Connection
+/- Load
AD6C841


유사한 부품 번호 - AD6C841

제조업체부품명데이터시트상세설명
logo
Solid State Inc
AD6C841 SOLIDSTATE-AD6C841 Datasheet
360Kb / 8P
Compact 6 pin DIP/SMD Package
Rev 2.00
More results

유사한 설명 - AD6C841

제조업체부품명데이터시트상세설명
logo
Lite-On Technology Corp...
LTV-817C LITEON-LTV-817C Datasheet
600Kb / 15P
High input-output isolation voltage
logo
Solid State Optronic
M201 SSOUSA-M201 Datasheet
293Kb / 7P
High Input-to-Output Isolation (1500V MIN)
M212 SSOUSA-M212_15 Datasheet
296Kb / 7P
High Input-to-Output Isolation (1.5kV MIN)
M231 SSOUSA-M231 Datasheet
291Kb / 7P
High Input-to-Output Isolation (1500V MIN)
logo
AIMTEC
AM3HW-NZ AIMTEC-AM3HW-NZ Datasheet
154Kb / 3P
Input to Output Isolation of 1500VDC
AM50E-NZ AIMTEC-AM50E-NZ Datasheet
257Kb / 5P
Input to Output Isolation of 1500VDC
logo
Solid State Optronic
SM6004 SSOUSA-SM6004 Datasheet
223Kb / 7P
High Input-to-Output Isolation
SM6006 SSOUSA-SM6006 Datasheet
223Kb / 7P
High Input-to-Output Isolation
SMA4131 SSOUSA-SMA4131 Datasheet
192Kb / 6P
High Input-to-Output Isolation
SMA4240 SSOUSA-SMA4240 Datasheet
343Kb / 7P
High Input-to-Output Isolation
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com