전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX4503C/D 데이터시트(PDF) 8 Page - Maxim Integrated Products

부품명 MAX4503C/D
상세설명  Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4503C/D 데이터시트(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4503C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4503C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4503C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4503C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4503C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4503C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4503C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4503C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4503C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Low-Voltage, Dual-Supply, SPST,
CMOS Analog Switches
8
_______________________________________________________________________________________
Figure 3. Off Isolation and On Loss
MEASUREMENTS ARE STANDARDIZED AGAINST SHORT
AT SOCKET TERMINALS. OFF ISOLATION IS MEASURED
BETWEEN COM AND “OFF” TERMINAL ON EACH SWITCH.
ON LOSS IS MEASURED BETWEEN COM AND “ON”
TERMINAL ON EACH SWITCH. SIGNAL DIRECTION
THROUGH SWITCH IS REVERSED; WORST-VALUES
ARE RECORDED.
V+
V+
VOUT
V-
V-
V+
IN
NO
or
NC
COM
VIN
MAX4503
MAX4504
OFF ISOLATION = 20log
VOUT
VIN
ON LOSS = 20log
VOUT
VIN
NETWORK
ANALYZER
50
Ω
50
Ω
50
Ω
50
Ω
MEAS.
REF
10nF
Figure 4. NO, NC, and COM Capacitance
V+
V-
V-
V+
IN
NO
or
NC
COM
MAX4503
MAX4504
1MHz
CAPACITANCE
ANALYZER
AS
REQUIRED
___________________Chip Topography
TRANSISTOR COUNT: 36
SUBSTRATE IS INTERNALLY CONNECTED TO V+
_Ordering Information (continued)
* Contact factory for dice specifications.
** Contact factory for availability.
PART
MAX4504CPA
MAX4504CSA
MAX4504CUK
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 Plastic DIP
8 SO
5 SOT23-5
MAX4504C/D
0°C to +70°C
Dice*
MAX4504EPA
-40°C to +85°C
8 Plastic DIP
MAX4504ESA
-40°C to +85°C
8 SO
MAX4504EUK
-40°C to +85°C
5 SOT23-5
MAX4504MJA
-55°C to +125°C
8 CERDIP**
_________________________________Test Circuits/Timing Diagrams (continued)
V–
0.030"
(0.762mm)
IN
V+
0.035"
(0.889mm)
NO/NC
COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com