전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX4503C/D 데이터시트(PDF) 10 Page - Maxim Integrated Products

부품명 MAX4503C/D
상세설명  Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4503C/D 데이터시트(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4503C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4503C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4503C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4503C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4503C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4503C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4503C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4503C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4503C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Low-Voltage, Dual-Supply, SPST,
CMOS Analog Switches
10
______________________________________________________________________________________
________________________________________________________Package Information
L
DIM
A
A1
A2
b
C
D
E
E1
L
e
e1
α
MIN
0.90
0.00
0.90
0.35
0.08
2.80
2.60
1.50
0.35
0°
MAX
1.45
0.15
1.30
0.50
0.20
3.00
3.00
1.75
0.55
10°
MILLIMETERS
α
5-PIN SOT23-5
SMALL-OUTLINE
TRANSISTOR PACKAGE
D
e1
A A2
A1
C
b
e
E1
21-0057B
E
0.95ref
1.90ref
DIM
A
A1
B
C
E
e
H
L
MIN
0.053
0.004
0.014
0.007
0.150
0.228
0.016
MAX
0.069
0.010
0.019
0.010
0.157
0.244
0.050
MIN
1.35
0.10
0.35
0.19
3.80
5.80
0.40
MAX
1.75
0.25
0.49
0.25
4.00
6.20
1.27
INCHES
MILLIMETERS
21-0041A
Narrow SO
SMALL-OUTLINE
PACKAGE
(0.150 in.)
DIM
D
D
D
MIN
0.189
0.337
0.386
MAX
0.197
0.344
0.394
MIN
4.80
8.55
9.80
MAX
5.00
8.75
10.00
INCHES
MILLIMETERS
PINS
8
14
16
1.27
0.050
L
0°-8°
H
E
D
e
A
A1
C
0.101mm
0.004in.
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com