| 전자부품 데이터시트 검색엔진 |
|
MX7828CQ 데이터시트(PDF) 8 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MX7828CQ 데이터시트(HTML) 8 Page - Maxim Integrated Products |
|
8 / 12 page ![]() _____________Analog Considerations Reference and Input The VREF+ and VREF- inputs of the converter define the zero and the full-scale of the ADC. In other words, the voltage at VREF- is equal to the input voltage that pro- duces an output code of all zeros, and the voltage at VREF+ is equal to input voltage that produces an output code of all ones (Figure 7). Figure 8 shows some possible reference configura- tions. For the MAX154/MAX158, a 0.01µF bypass capacitor to GND should be used to reduce the high- frequency output impedance of the internal reference. Larger capacitors should not be used, as this degrades the stability of the reference buffer. The 2.5V reference output is with respect to the GND pin. Bypassing A 47µF electrolytic and 0.1µF ceramic capacitor should be used to bypass the VDD pin to GND. These capaci- tors must have minimum lead length, since excess lead length may contribute to conversion errors and instability. If the reference inputs are driven by long lines, they should be bypassed to GND with 0.1µF capacitors at the reference input pins. CMOS, High-Speed, 8-Bit ADCs with Multiplexer 8 _______________________________________________________________________________________ DATA NEW DATA ADDR VALID INT RDY RD ANALOG CHANNEL ADDRESS CS tAS tAH tRDY tACCI tCRD tRD tCSS tRD tRDY tINTH tDH tAH tINTH tAS tP tCSS tCSH ADDR VALID OLD DATA tDH tCSH tACCI Figure 6. Mode 1 Timing Diagram 11111111 11111110 11111101 00000011 00000010 00000001 00000000 1 VREF- 23 FS VREF+ FS–1LSB OUTPUT CODE FULL-SCALE TRANSITION 1LSB = F8 = VREF+ - VREF- 256 256 AIN INPUT VOLTAGE (IN TERMS OF LSBs) Figure 7. Transfer Function |